Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS3000-9-001 Datasheet(PDF) 7 Page - Artesyn Technologies

Part # HPS3000-9-001
Description  Distributed Power Bulk Front-End
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

HPS3000-9-001 Datasheet(HTML) 7 Page - Artesyn Technologies

  HPS3000-9-001 Datasheet HTML 1Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 2Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 3Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 4Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 5Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 6Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 7Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 8Page - Artesyn Technologies HPS3000-9-001 Datasheet HTML 9Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HPS3000 Series Data Sheet
Signals and Controls - All Models
PSON#
The PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on the 48 V power rail. When this
signal is not pulled low by the system, or left open, the 48 V output turns off. The 5 Vsb output remains on. This signal is pulled to a standby
voltage by a pull-up resistor internal to the power supply. The power supply fan(s) shall operate at the lowest speed.
PSON# Signal Characteristic
Signal Type
Accepts an open collector/drain input from the system. Pulled-up to the 5 Vsb located in power supply.
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.4 V
Logic level high (power supply OFF)
2.40 V
3.40 V
Source current, Vpson = low
--
4 mA
Power up delay: Tpson_on_delay
5 msec
400 msec
Timing Signal Definitions
Turn ON/OFF Timing
Item
Description
Min
Max
Units
Tvout_rise
48 V Output rise time
5
300
msec
Tsb_on_delay
Delay from AC being applied to 5 Vsb being within regulation.
1500
msec
Tac_on_delay
Delay from AC being applied to all output voltages being within regulation.
2000
msec
Tvout_holdup
Time all output voltages, including 5 Vsb, stay within regulation after loss of AC.
10
msec
Tpwok_holdup
Delay from loss of AC to de-assertion of PWOK
5
msec
Tpson_on_delay
Delay from PSON# active to output voltages within regulation limits.
5
400
msec
Tpson_pwok
Delay from PSON# de-active to PWOK being de-asserted.
50
msec
Tacok_delay
Delay from loss of AC input to de-assertion of ACOK#.
10
msec
Tpwok_on
Delay from output voltages within regulation limits to PWOK asserted at turn on.
100
1000
msec
Tpwok_off
Delay from PWOK de-asserted to 48 V dropping out of regulation limits.
1
1000
msec
Tpwok_low
Duration of PWOK being in the de-asserted state during an off/on cycle using AC
or the PSON# signal.
100
msec
Tsb_vout
Delay from 5 Vsb being in regulation to 48 V being in regulation at AC turn on.
50
2000
msec


Similar Part No. - HPS3000-9-001

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS3000-9 EMERSON-NETWORKPOWER-HPS3000-9 Datasheet
777Kb / 7P
   3000 W output power
More results

Similar Description - HPS3000-9-001

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
logo
Artesyn Technologies
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
   Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com