Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3110 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Datasheet(HTML) 2 Page - Texas Instruments

  THS3110 Datasheet HTML 1Page - Texas Instruments THS3110 Datasheet HTML 2Page - Texas Instruments THS3110 Datasheet HTML 3Page - Texas Instruments THS3110 Datasheet HTML 4Page - Texas Instruments THS3110 Datasheet HTML 5Page - Texas Instruments THS3110 Datasheet HTML 6Page - Texas Instruments THS3110 Datasheet HTML 7Page - Texas Instruments THS3110 Datasheet HTML 8Page - Texas Instruments THS3110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
1
2
3
4
8
7
6
5
NC
VIN −
VIN +
VS−
NC
VS+
VOUT
NC
D, DGN
TOP VIEW
D, DGN
TOP VIEW
NC = No Internal Connection
1
2
3
4
8
7
6
5
REF
VIN−
VIN+
VS−
PD
VS+
VOUT
NC
NC = No Internal Connection
THS3110
THS3111
Note: The device with the power down option defaults to the ON state if no signal is applied to the PD pin. Additionallly, the REF pin
functional range is from VS− to (VS+ − 4 V).
DISSIPATION RATING TABLE
THS3110, THS3111
SLOS422A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling procedures and installation procedures can cause damage.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PLASTIC SMALL OUTLINE SOIC (D)
PLASTIC MSOP (DGN)(1)(2)
SYMBOL
THS3110CD
THS3110CDGN
0
°C to 70°C
BJB
THS3110CDR
THS3110CDGNR
THS3110ID
THS3110IDGN
-40
°C to 85°C
BIR
THS3110IDR
THS3110IDGNR
THS3111CD
THS3111CDGN
0
°C to 70°C
BJA
THS3111CDR
THS3111CDGNR
THS3111ID
THS3111IDGN
-40
°C to 85°C
BIS
THS3111IDR
THS3111IDGNR
(1)
Available in tape and reel. The R suffix standard quantity is 2500 (e.g. THS3110CDGNR).
(2)
The PowerPAD is electrically isolated from all other pins.
POWER RATING
TJ = 125°C
PACKAGE
Θ
JC (°C/W)
Θ
JA (°C/W)
TA = 25°C
TA = 85°C
D-8(1)
38.3
95
1.05 W
421 mW
DGN-8(2)
4.7
58.4
1.71 W
685 mW
(1)
This data was taken using the JEDEC standard low-K test PCB. For the JEDEC proposed high-K test PCB, the
Θ
JA is 95°C/W with
power rating at TA = 25°C of 1.05 W.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 inch x 3 inch PCB. For further information, refer to
the Application Informationsection of this data sheet.
2


Similar Part No. - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
More results

Similar Description - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com