Electronic Components Datasheet Search |
|
ERM05C110 Datasheet(PDF) 1 Page - Artesyn Technologies |
|
ERM05C110 Datasheet(HTML) 1 Page - Artesyn Technologies |
1 / 2 page POWER ERM75 Series 75 Watts Total Power: 75 W Input Voltage: 72 or 110 V # of Outputs: Single SPECIAL FEATURES Small 57.9 x 36.8 x12.7 mm package Input ranges 43 - 101 Vdc or 66 - 160 Vdc High efficiency up to 92% No minimum load requirement Operating temperature range -40 °C to +85 °C Reinforced insulation 3000 VAC rms Undervoltage shutdown Remote On/Off Metal case with isolated baseplate Vibration and thermal shock to EN61373 Safety meets EN60950-1 and Railway Standard EN50155 (IEC60571) and EN50121-3-2 EN45545-2 flammability SAFETY cUL/UL 60950-1 IEC/EN 60950-1 IEC/EN 50155 CE Mark Electrical Specifications Input Input range 43 - 101 Vdc; 66 - 160 Vdc Efficiency 92% @ 12 Vo Output Voltage tolerance ±1.0% Line regulation ±0.2% Load regulation ±0.3% Noise/ripple 24 V model: 150 mV, other models: 100 mV Overload protection 150% typ of Io max, hiccup Short circuit protection Hiccup mode Switching frequency 320 KHz Isolation I/O isolation Reinforced insulation, 3000 Vac rms; I/Case. O/Case: 1500 Vdc Insulation resistance 1000 Mohm Insulation capacitance 3000 pF Data Sheet Environmental Specifications Operating ambient temperature range -40 °C to +85 °C Storage temperature -55 °C to +125 °C Humidity 5% to 95% non-condensing MTBF 209 Khrs calculated |
Similar Part No. - ERM05C110 |
|
Similar Description - ERM05C110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |