Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN42 Datasheet(PDF) 4 Page - Microchip Technology

Part # RN42
Description  Class 2 Bluetooth짰 Module with EDR Support
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42 Datasheet(HTML) 4 Page - Microchip Technology

  RN42 Datasheet HTML 1Page - Microchip Technology RN42 Datasheet HTML 2Page - Microchip Technology RN42 Datasheet HTML 3Page - Microchip Technology RN42 Datasheet HTML 4Page - Microchip Technology RN42 Datasheet HTML 5Page - Microchip Technology RN42 Datasheet HTML 6Page - Microchip Technology RN42 Datasheet HTML 7Page - Microchip Technology RN42 Datasheet HTML 8Page - Microchip Technology RN42 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RN42/RN42N
DS50002328A-page 4
 2015 Microchip Technology Inc.
TABLE 1-3:
MODULE DIMENSIONS
Parameter
RN42
RN42N
Units
Size
13.4 x 25.8 x 2.4
13.4 x 20.5 x 2.4
mm
Weight
0.045
0.040
oz.
TABLE 1-4:
RADIO CHARACTERISTICS
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Bluetooth
Specification
Units
Sensitivity at 0.1% BER
2.402
-80
-86
≤ -70
dBm
2.441
-80
-86
dBm
2.480
-80
-86
dBm
RF Transmit Power (1)
RN42
2.402
4
dBm
2.441
4
dBm
2.480
4
dBm
RF Transmit Power (1)
RN42N
2.402
4
dBm
2.441
4
dBm
2.480
4
dBm
Initial Carrier Frequency Tolerance
2.402
5
75
75
kHz
2.441
5
75
kHz
2.480
5
75
kHz
20-dB Bandwidth for Modulated Carrier
900
1000
≤ 1000
kHz
Drift (Five Slots Packet)
15
40
kHz
Drift Rate
13
20
kHz
∆f1avg Maximum Modulation
2.402
140
165
175
> 140
kHz
2.441
140
165
175
kHz
2.480
140
165
175
kHz
∆f2avg Minimum Modulation
2.402
140
190
115
kHz
2.441
140
190
kHz
2.480
140
190
kHz
Note 1: Normal mode
TABLE 1-5:
DIGITAL I/O CHARACTERISTICS
3.0 V ≤ VDD ≤ 3.3 V
Min.
Typ.
Max.
Units
Input Logic Level Low
-0.4
+0.8
V
Input Logic Level High
0.7 VDD
VDD + 0.4
V
Output Logic Level Low
0.2
V
Output Logic Level High
VDD - 0.2
V
All I/O pins (Except reset) Default to Weak Pull Down
+0.2
+1.0
+5.0
A


Similar Part No. - RN42

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
RN4020 MICROCHIP-RN4020_14 Datasheet
565Kb / 6P
   RN4020 PICtail??PICtail Plus Board User?셲 Guide
03/25/14
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
RN41-I/RM MICROCHIP-RN41-I/RM Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
More results

Similar Description - RN42

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Texas Instruments
WL1271-TIWI TI-WL1271-TIWI Datasheet
43Kb / 2P
[Old version datasheet]   WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
WL1271-TIWI TI1-WL1271-TIWI_14 Datasheet
40Kb / 3P
[Old version datasheet]   WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com