Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN41U Datasheet(PDF) 9 Page - Microchip Technology

Part # RN41U
Description  Class 1 Bluetooth Module with EDR Support
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41U Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN41U Datasheet HTML 5Page - Microchip Technology RN41U Datasheet HTML 6Page - Microchip Technology RN41U Datasheet HTML 7Page - Microchip Technology RN41U Datasheet HTML 8Page - Microchip Technology RN41U Datasheet HTML 9Page - Microchip Technology RN41U Datasheet HTML 10Page - Microchip Technology RN41U Datasheet HTML 11Page - Microchip Technology RN41U Datasheet HTML 12Page - Microchip Technology RN41U Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 9
RN41/RN41N
FIGURE 2-2:
RN41N RECOMMENDED
PCB FOOTPRINT
FIGURE 2-3:
RN41 MODULE
MOUNTING DETAILS
FIGURE 2-4:
RN41N MODULE
MOUNTING DETAILS
Top Layer Signal
Trace Keep-Out Area
Shield Pads X4
0.8 mm x 1.3 mm
Do not locate vias
or signal traces
under Shield Pads
Edge of
Ground
Plane
Keep area around antenna
(approximately 31 mm) clear
of metallic structures for
best performance.
Note:
Example U.FL connector layout


Similar Part No. - RN41U

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
RN412ATTE1002B100 KOA-RN412ATTE1002B100 Datasheet
99Kb / 2P
   fixed metal film melf resistors
RN412ATTE1002B100 KOA-RN412ATTE1002B100 Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RN412ATTE1002B200 KOA-RN412ATTE1002B200 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN41U

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
List of Unclassifed Man...
WT11I-E ETC2-WT11I-E Datasheet
899Kb / 39P
   Bluetooth v.2.1 EDR, class 1
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
logo
List of Unclassifed Man...
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com