Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7561SG-TR Datasheet(PDF) 5 Page - Rohm

Part # BD7561SG-TR
Description  Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7561SG-TR Datasheet(HTML) 5 Page - Rohm

  BD7561SG-TR Datasheet HTML 1Page - Rohm BD7561SG-TR Datasheet HTML 2Page - Rohm BD7561SG-TR Datasheet HTML 3Page - Rohm BD7561SG-TR Datasheet HTML 4Page - Rohm BD7561SG-TR Datasheet HTML 5Page - Rohm BD7561SG-TR Datasheet HTML 6Page - Rohm BD7561SG-TR Datasheet HTML 7Page - Rohm BD7561SG-TR Datasheet HTML 8Page - Rohm BD7561SG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.rohm.com
TSZ02201-0RAR1G200250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/30
20.Feb.2015 Rev.002
TSZ22111・15・001
BD7561G BD7561SG BD7562xxx BD7562Sxxx
Datasheet
Electrical Characteristics – continued
BD7562xxx, BD7562Sxxx (Unless otherwise specified VDD=+12V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 10,11)
VIO
25°C
-
1
9
mV
VDD=5 to 14.5V
Full range
-
-
10
Input Offset Current
(Note 10)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 10)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 11)
IDD
25°C
-
750
1300
μA
RL=∞, All Op-Amps
AV=0dB, VDD=5V, IN+=2.5V
Full range
-
-
1500
25°C
-
900
1400
RL=∞, All Op-Amps
AV=0dB, VDD=12V, IN+=6.0V
Full range
-
-
1600
Maximum Output Voltage (High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage (Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Single Voltage Gain
AV
25°C
70
95
-
dB
RL=10kΩ
Input Common-mode Voltage
Range
VICM
25°C
0
-
12
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
60
80
-
dB
-
Output Source Current
(Note 12)
ISOURCE
25°C
3
8
-
mA
OUT=VDD-0.4V
Output Sink Current
(Note 12)
ISINK
25°C
4
14
-
mA
OUT=VSS+0.4V
Slew Rate
SR
25°C
-
0.9
-
V/μs CL=25pF
Gain Bandwidth
GBW
25°C
-
1.0
-
MHz CL=25pF, AV=40dB
Phase Margin
θ
25°C
-
50
-
deg CL=25pF, AV=40dB
Total Harmonic Distortion + Noise THD+N
25°C
-
0.05
-
%
OUT=1VP-P,f=1kHz
Channel Separation
CS
25°C
-
100
-
dB
AV=40dB, OUT=1Vrms
(Note 10) Absolute value.
(Note 11) Full range:BD7562xxx:TA=-40°C to +85°C BD7562Sxxx:TA=-40°C to +105°C.
(Note 12) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BD7561SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561SG ROHM-BD7561SG Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561SG ROHM-BD7561SG Datasheet
688Kb / 17P
   Operational Amplifiers: High Voltage CMOS
BD7561SGE2 ROHM-BD7561SGE2 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561SGTR ROHM-BD7561SGTR Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
More results

Similar Description - BD7561SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com