Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93AXX-WM Datasheet(PDF) 5 Page - Rohm

Part # BR93AXX-WM
Description  Operation Microwire BUS EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93AXX-WM Datasheet(HTML) 5 Page - Rohm

  BR93AXX-WM Datasheet HTML 1Page - Rohm BR93AXX-WM Datasheet HTML 2Page - Rohm BR93AXX-WM Datasheet HTML 3Page - Rohm BR93AXX-WM Datasheet HTML 4Page - Rohm BR93AXX-WM Datasheet HTML 5Page - Rohm BR93AXX-WM Datasheet HTML 6Page - Rohm BR93AXX-WM Datasheet HTML 7Page - Rohm BR93AXX-WM Datasheet HTML 8Page - Rohm BR93AXX-WM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Datasheet
Datasheet
5/29
BR93Axx-WM (1K 2K 4K 8K 16K)
TSZ02201-0R1R0G100150-1-2
6.Nov.2013 Rev.003
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Typical Performance Curves
(The following characteristic data are typ. values.)
Figure 4. L output voltage VOL-IOL (Vcc=4.0V)
Figure 1. H input voltage VIH (CS, SK, DI)
Figure 2. L input voltage VIL (CS,SK,DI)
Figure 3. L output voltage VOL-IOL (Vcc=2.5V)


Similar Part No. - BR93AXX-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results

Similar Description - BR93AXX-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com