Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H56RFVM-2CTR Datasheet(PDF) 6 Page - Rohm

Part # BR93H56RFVM-2CTR
Description  Operation Microwire BUS EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H56RFVM-2CTR Datasheet(HTML) 6 Page - Rohm

Back Button BR93H56RFVM-2CTR Datasheet HTML 2Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 3Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 4Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 5Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 6Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 7Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 8Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 9Page - Rohm BR93H56RFVM-2CTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
BR93H56-2C
6/29
www.rohm.com
16.Feb.2016 Rev.003
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100020-1-2
Datasheet
Datasheet
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23
4
5
6
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23456
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL[mA]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL[mA]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
Figure 4 Input High Voltage (CS,SK,DI)
vs Supply Voltage
Figure 5 Input Low Voltage (CS,SK,DI)
vs Supply Voltage
Figure 6 Output Low Voltage vs Output Low Current
(VCC=2.5V)
Figure 7 Output Low Voltage vs Output Low Current
(VCC=4.0V)


Similar Part No. - BR93H56RFVM-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RFVM-2CTR ROHM-BR93H56RFVM-2CTR Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H56RFVM-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com