Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H76-2C Datasheet(PDF) 6 Page - Rohm

Part # BR93H76-2C
Description  Operation Microwire BUS EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H76-2C Datasheet(HTML) 6 Page - Rohm

Back Button BR93H76-2C Datasheet HTML 2Page - Rohm BR93H76-2C Datasheet HTML 3Page - Rohm BR93H76-2C Datasheet HTML 4Page - Rohm BR93H76-2C Datasheet HTML 5Page - Rohm BR93H76-2C Datasheet HTML 6Page - Rohm BR93H76-2C Datasheet HTML 7Page - Rohm BR93H76-2C Datasheet HTML 8Page - Rohm BR93H76-2C Datasheet HTML 9Page - Rohm BR93H76-2C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
BR93H76-2C
6/29
www.rohm.com
16.Feb.2016 Rev.003
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100040-1-2
Datasheet
Datasheet
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23
456
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23
456
SUPPLY VOLTAGE : VCC[V]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL[mA]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL[mA]
SPEC
Ta= -40℃
Ta= 25℃
Ta= 125℃
Figure 4. Input High Voltage, (CS, SK, DI)
vs Supply Voltage
Figure 5. Input Low Voltage, (CS, SK, DI)
vs. Supply Voltage
Figure 6. Output Low Voltage vs Output Low Current
(VCC=2.5V)
Figure 7. Output Low Voltage vs Output Low Current
(VCC=4.0V)


Similar Part No. - BR93H76-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H76-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com