Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7262NUX-TR Datasheet(PDF) 5 Page - Rohm

Part # BU7262NUX-TR
Description  CMOS Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262NUX-TR Datasheet(HTML) 5 Page - Rohm

  BU7262NUX-TR Datasheet HTML 1Page - Rohm BU7262NUX-TR Datasheet HTML 2Page - Rohm BU7262NUX-TR Datasheet HTML 3Page - Rohm BU7262NUX-TR Datasheet HTML 4Page - Rohm BU7262NUX-TR Datasheet HTML 5Page - Rohm BU7262NUX-TR Datasheet HTML 6Page - Rohm BU7262NUX-TR Datasheet HTML 7Page - Rohm BU7262NUX-TR Datasheet HTML 8Page - Rohm BU7262NUX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/44
03.Dec.2014 Rev.004
TSZ22111・15・001
BU7261G BU7261SG BU7262xxx BU7262Sxxx BU7264xx BU7264Sxx
Absolute Maximum Ratings (TA=25℃)- continued
BU7261SG, BU7262Sxxx, BU7264Sxx
Parameter
Symbol
Rating
Unit
BU7261SG
BU7262Sxxx
BU7264Sxx
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note 10,16)
-
-
W
SOP8
-
0.55
(Note 11,16)
-
MSOP8
-
0.47
(Note 12,16)
-
VSON008X2030
-
0.41
(Note 13,16)
-
SOP14
-
-
0.45
(Note 14,16)
SSOP-B14
0.70
(Note 15,16)
Differential Input
Voltage
(Note 17)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS - 0.3) to (VDD + 0.3)
V
Input Current
(Note 18)
II
±10
mA
Operating Supply
Voltage
Vopr
+1.8 to +5.5
V
Operating Temperature
Topr
-40 to +105
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction
Temperature
TJmax
+125
°C
(Note 10) To use at temperature above TA=25C reduce 5.4mW/°C.
(Note 11) To use at temperature above TA=25C reduce 5.5mW/°C.
(Note 12) To use at temperature above TA=25C reduce 4.7mW/°C.
(Note 13) To use at temperature above TA=25C reduce 4.1mW/°C.
(Note 14) To use at temperature above TA=25C reduce 4.5mW/°C.
(Note 15) To use at temperature above TA=25C reduce 7.0mW/°C.
(Note 16) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 17) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input pin voltage is set to more than VSS.
(Note 18) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - BU7262NUX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7262NUX-TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com