Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2904FVM Datasheet(PDF) 4 Page - Rohm

Part # BA2904FVM
Description  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904FVM Datasheet(HTML) 4 Page - Rohm

  BA2904FVM Datasheet HTML 1Page - Rohm BA2904FVM Datasheet HTML 2Page - Rohm BA2904FVM Datasheet HTML 3Page - Rohm BA2904FVM Datasheet HTML 4Page - Rohm BA2904FVM Datasheet HTML 5Page - Rohm BA2904FVM Datasheet HTML 6Page - Rohm BA2904FVM Datasheet HTML 7Page - Rohm BA2904FVM Datasheet HTML 8Page - Rohm BA2904FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
Absolute Maximum Ratings (TA=25°C)
○BA10358, BA10324A
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+32
V
Power dissipation
PD
SOP8
620
(Note 1,7)
mW
SOP-J8
540
(Note 2,7)
SSOP-B8
500
(Note 3,7)
SOP14
450
(Note 4,7)
SOP-J14
820
(Note 5,7)
SSOP-B14
700
(Note 6,7)
Differential Input Voltage
(Note 8)
VID
+32
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+32)
V
Input Current
(Note 9)
II
-10
mA
Wide Operating Supply Voltage
Vopr
+3.0 to +32.0
V
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Maximum Junction Temperature
TJmax
+125
°C
Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(Note 1) To use at temperature above TA=25°C reduce 6.2mW.
(Note 2) To use at temperature above TA=25°C reduce 5.4mW
(Note 3) To use at temperature above TA=25°C reduce 5.0mW.
(Note 4) To use at temperature above TA=25°C reduce 4.5mW.
(Note 5) To use at temperature above TA=25°C reduce 8.2mW
(Note 6) To use at temperature above TA=25°C reduce 7.0mW.
(Note 7) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 8) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 9) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.


Similar Part No. - BA2904FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904FVM ROHM-BA2904FVM	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904FVM ROHM-BA2904FVM Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904FVM ROHM-BA2904FVM Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA2904FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com