Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7495HFV-TR Datasheet(PDF) 8 Page - Rohm

Part # BU7495HFV-TR
Description  Low Voltage Operation High Speed CMOS Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7495HFV-TR Datasheet(HTML) 8 Page - Rohm

Back Button BU7495HFV-TR Datasheet HTML 4Page - Rohm BU7495HFV-TR Datasheet HTML 5Page - Rohm BU7495HFV-TR Datasheet HTML 6Page - Rohm BU7495HFV-TR Datasheet HTML 7Page - Rohm BU7495HFV-TR Datasheet HTML 8Page - Rohm BU7495HFV-TR Datasheet HTML 9Page - Rohm BU7495HFV-TR Datasheet HTML 10Page - Rohm BU7495HFV-TR Datasheet HTML 11Page - Rohm BU7495HFV-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200350-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
8/19
6.Jan.2014 Rev.001
TSZ22111・15・001
BU7495HFV
BU7495SHFV
Figure 10.
Output Source Current vs Ambient Temperature
(OUT=VDD-0.4V)
Typical Performance Curves - continued
○BU7495HFV, BU7495SHFV
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7495HFV: -40
C to +85C BU7495SHFV: -40C to +105C
0
10
20
30
40
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage [V]
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage [V]
Figure 12.
Output Sink Current vs Ambient Temperature
(OUT=VSS+0.4V)
Figure 11.
Output Sink Current vs Output Voltage
(VDD=3V)
Figure 9.
Output Source Current vs Output Voltage
(VDD=3V)
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
-40°C
25°C
85°C
105°C
5.5V
1.8V
3.0V


Similar Part No. - BU7495HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV ROHM-BU7495HFV Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV ROHM-BU7495HFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7495HFV ROHM-BU7495HFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU7495HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com