Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7495SHFV-TR Datasheet(PDF) 2 Page - Rohm

Part # BU7495SHFV-TR
Description  Low Voltage Operation High Speed CMOS Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7495SHFV-TR Datasheet(HTML) 2 Page - Rohm

  BU7495SHFV-TR Datasheet HTML 1Page - Rohm BU7495SHFV-TR Datasheet HTML 2Page - Rohm BU7495SHFV-TR Datasheet HTML 3Page - Rohm BU7495SHFV-TR Datasheet HTML 4Page - Rohm BU7495SHFV-TR Datasheet HTML 5Page - Rohm BU7495SHFV-TR Datasheet HTML 6Page - Rohm BU7495SHFV-TR Datasheet HTML 7Page - Rohm BU7495SHFV-TR Datasheet HTML 8Page - Rohm BU7495SHFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200350-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2/19
6.Jan.2014 Rev.001
TSZ22111・15・001
BU7495HFV
BU7495SHFV
Line-up
Topr
Package
Orderable Part Number
-40°C to +85°C
HVSOF5
Reel of 3000
BU7495HFV-TR
-40°C to +105°C
HVSOF5
Reel of 3000
BU7495SHFV-TR
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
BU7495HFV
BU7495SHFV
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
0.53
(Note 1,2)
W
Differential Input
Voltage
(Note 3)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 4)
II
±10
mA
Operating Supply Voltage
Vopr
+1.7 to +5.5
V
Operating Temperature
Topr
-40 to +85
-40 to +105
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum
Junction Temperature
TJmax
+125
°C
(Note 1) To use at temperature above TA=25C reduce 5.3mW.
(Note 2) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%)
(Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
(Note 4) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Similar Part No. - BU7495SHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495SHFV ROHM-BU7495SHFV Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495SHFV ROHM-BU7495SHFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7495SHFV ROHM-BU7495SHFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU7495SHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com