Electronic Components Datasheet Search |
|
BU7486FVM-TR Datasheet(PDF) 3 Page - Rohm |
|
BU7486FVM-TR Datasheet(HTML) 3 Page - Rohm |
3 / 43 page Datasheet www.rohm.com TSZ02201-0RAR1G200380-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 3/39 12.JUL.2013 Rev.001 TSZ22111・15・001 BU7485G BU7485SG BU7486xxx BU7486Sxxx BU7487xx BU7487Sxx Ordering Information B U 7 4 8 x x x x x - x x Part Number BU7485G BU7485SG BU7486xxx BU7486Sxxx BU7487xx BU7487Sxx Package G:FVMIISSOP5 F:FVMESOP8 SOP14 FV:FMVSSOP-B8 SSOP-B14 FVM:FFMSOP8 Packaging and forming specification E2: Embossed tape and reel (SOP8/SSOP-B8/SOP14/ SSOP-B14) TR: Embossed tape and reel (SSOP5/MSOP8) Line-up Topr Package Operable Part Number -40°C to +85°C SSOP5 Reel of 3000 BU7485G-TR SOP8 Reel of 2500 BU7486F-E2 SSOP-B8 Reel of 2500 BU7486FV-E2 MSOP8 Reel of 3000 BU7486FVM-TR SOP14 Reel of 2500 BU7487F-E2 SSOP-B14 Reel of 2500 BU7487FV-E2 -40°C to +105°C SSOP5 Reel of 3000 BU7485SG-TR SOP8 Reel of 2500 BU7486SF-E2 SSOP-B8 Reel of 2500 BU7486SFV-E2 MSOP8 Reel of 3000 BU7486SFVM-TR SOP14 Reel of 2500 BU7487SF-E2 SSOP-B14 Reel of 2500 BU7487SFV-E2 Absolute Maximum Ratings(Ta=25 C) Parameter Symbol Ratings Unit BU7485G/BU7486xxx /BU7487xx BU7485Sx/BU7486Sxxx /BU7487Sxx Supply Voltage VDD-VSS +7 V Power dissipation Pd SSOP5 0.54 *1*7 W SOP8 0.55 *2*7 SSOP-B8 0.50 *3*7 MSOP8 0.47 *4*7 SOP14 0.70 *5*7 SSOP-B14 0.45 *6*7 Differential Input Voltage *8 Vid VDD – VSS V Input Common-mode Voltage Range Vicm (VSS - 0.3) to VDD + 0.3 V Input Current *9 Ii ±10 mA Operating Supply Voltage Vopr +3.0 to +5.5 V Operating Temperature Topr -40 to +85 -40 to +105 C Storage Temperature Tstg -55 to +125 C Maximum Junction Temperature Tjmax +125 C Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25 C reduce 5.4mW. *2 To use at temperature above Ta=25 C reduce 5.5mW. *3 To use at temperature above Ta=25 C reduce 5.0mW. *4 To use at temperature above Ta=25 C reduce 4.7mW. *5 To use at temperature above Ta=25 C reduce 7.0mW. *6 To use at temperature above Ta=25 C reduce 4.5mW. *7 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *8 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input pin voltage is set to more than VSS. *9 An excessive input current will flow when input voltages of more than VDD+0.6V or lesser than VSS-0.6V are applied. The input current can be set to less than the rated current by adding a limiting resistor. |
Similar Part No. - BU7486FVM-TR |
|
Similar Description - BU7486FVM-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |