Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54010 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54010
Description  2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54010 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54010 Datasheet HTML 1Page - Texas Instruments TPS54010 Datasheet HTML 2Page - Texas Instruments TPS54010 Datasheet HTML 3Page - Texas Instruments TPS54010 Datasheet HTML 4Page - Texas Instruments TPS54010 Datasheet HTML 5Page - Texas Instruments TPS54010 Datasheet HTML 6Page - Texas Instruments TPS54010 Datasheet HTML 7Page - Texas Instruments TPS54010 Datasheet HTML 8Page - Texas Instruments TPS54010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
TPS54010
SLVS509A – MAY 2004 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (continued)
T
J = -40°C to 125°C, VIN = 3 V to 4 V, PVIN = 2.2 V to 4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open-loop voltage gain
1 k
Ω COMP to AGND(4)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 k
Ω, 160 pF COMP to AGND(4)
3
5
MHz
Error amplifier common mode input voltage
Powered by internal LDO(4)
0
VBIAS
V
range
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
Output voltage slew rate (symmetric), COMP
1
1.4
V/µs
PWM COMPARATOR
PWM comparator propagation delay time, PWM
comparator input to PH pin (excluding
10-mV overdrive(4)
70
85
ns
deadtime)
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.2
1.4
V
Enable hysteresis voltage, SS/ENA(4)
0.03
V
Falling edge deglitch, SS/ENA(4)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
Charge current, SS/ENA
SS/ENA = 0 V
2
5
8
µA
Discharge current, SS/ENA
SS/ENA = 0.2 V, VIN = 2.7 V, PVIN = 2.5 V
1.3
2.3
4
mA
POWER GOOD
Power-good threshold voltage
VSENSE falling
93
%Vref
Power-good hysteresis voltage(4)
3
%Vref
Power-good falling edge deglitch(4)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.3
V
Leakage current, PWRGD
VIN = 3.3 V, PVIN = 2.5 V
1
µA
CURRENT LIMIT
Current limit
VIN = 3.3 V, PVIN = 2.5 V (4), Output shorted
14.5
21
A
Current limit leading edge blanking time(4)
100
ns
Current limit total response time(4)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(4)
135
165
°C
Thermal shutdown hysteresis(4)
10
°C
OUTPUT POWER MOSFETS
VIN = 3 V, PVIN = 2.5 V
8
21
rDS(on)
Power MOSFET switches
m
VIN = 3.6 V, PVIN = 2.5 V
8
18
(4)
Specified by design
4


Similar Part No. - TPS54010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI1-TPS54010-EP Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI1-TPS54010-EP Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010_15 Datasheet
954Kb / 29P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010-EP TI-TPS54010-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI1-TPS54010_16 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
SN0401093 TI-SN0401093 Datasheet
234Kb / 13P
[Old version datasheet]   DUAL INPUT BUS 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com