Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS417400-60DJ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS417400-60DJ
Description  4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400-60DJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS417400-60DJ Datasheet HTML 5Page - Texas Instruments TMS417400-60DJ Datasheet HTML 6Page - Texas Instruments TMS417400-60DJ Datasheet HTML 7Page - Texas Instruments TMS417400-60DJ Datasheet HTML 8Page - Texas Instruments TMS417400-60DJ Datasheet HTML 9Page - Texas Instruments TMS417400-60DJ Datasheet HTML 10Page - Texas Instruments TMS417400-60DJ Datasheet HTML 11Page - Texas Instruments TMS417400-60DJ Datasheet HTML 12Page - Texas Instruments TMS417400-60DJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TMS416400, TMS416400P, TMS417400, TMS417400P
TMS426400, TMS426400P, TMS427400, TMS427400P
4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
SMKS881B – MAY 1995 – REVISED AUGUST 1995
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
TMS417400 / P
PARAMETER
TEST CONDITIONS†
’417400 - 60
’417400P - 60
’417400 - 70
’417400P - 70
’417400 - 80
’417400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Read- or
write-cycle current
VCC = 5.5 V,
Minimum cycle
110
100
90
mA
I
Standby current
VIH = 2.4 V ( TTL),
After 1 memory cycle,
RAS and CAS high
2
2
2
mA
ICC2
Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle
’417400
1
1
1
mA
After 1 memory cycle,
RAS and CAS high
’417400P
500
500
500
µA
ICC3‡§
Average refresh
current (RAS-only
refresh or CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only),
RAS low after CAS low (CBR)
110
100
90
mA
ICC4‡¶
Average page
current
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
70
60
50
mA
ICC6#
Self-refresh current
CAS < 0.2 V,
RAS < 0.2 V,
Measured after tRASS min
500
500
500
µA
ICC10#
Battery back-up
operating current
(equivalent refresh
time is 128 ms);
CBR only
tRC = 62.5 µs,
tRAS ≤ 1 µs,
VCC – 0.2 V ≤ VIH ≤ 6.5 V,
0 V
≤ VIL ≤ 0.2 V, W and OE = VIH,
Address and data stable
500
500
500
µA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change while CAS = VIH
# For TMS417400P only


Similar Part No. - TMS417400-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI1-TMS417400 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400A TI-TMS417400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400A-60DJ TI-TMS417400A-60DJ Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400A-60DR TI-TMS417400A-60DR Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417400ADJ TI-TMS417400ADJ Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS417400-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R04AJ-10 MITSUBISHI-M5M54R04AJ-10 Datasheet
44Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com