Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN8982TA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTN8982TA
Description  High Current PN Half Bridge
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8982TA Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTN8982TA Datasheet HTML 1Page - Infineon Technologies AG BTN8982TA Datasheet HTML 2Page - Infineon Technologies AG BTN8982TA Datasheet HTML 3Page - Infineon Technologies AG BTN8982TA Datasheet HTML 4Page - Infineon Technologies AG BTN8982TA Datasheet HTML 5Page - Infineon Technologies AG BTN8982TA Datasheet HTML 6Page - Infineon Technologies AG BTN8982TA Datasheet HTML 7Page - Infineon Technologies AG BTN8982TA Datasheet HTML 8Page - Infineon Technologies AG BTN8982TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
High Current PN Half Bridge
BTN8982TA
Pin Configuration
Data Sheet
5
Rev. 1.0, 2013-05-17
3
Pin Configuration
3.1
Pin Assignment
Figure 3
Pin Assignment BTN8982TA (top view)
3.2
Pin Definitions and Functions
Bold type: pin needs power wiring
Pin
Symbol
I/O
Function
1GND
-
Ground
2
IN
I
Input
Defines whether high- or lowside switch is activated
3
INH
I
Inhibit
When set to low device goes in sleep mode
4,8
OUT
O
Power output of the bridge
5SR
I
Slew Rate
The slew rate of the power switches can be adjusted by connecting
a resistor between SR and GND
6
IS
O
Current Sense and Diagnostics
7
VS
-
Supply
1 2 35 6 7
4
8


Similar Part No. - BTN8982TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN8982 INFINEON-BTN8982 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results

Similar Description - BTN8982TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
   High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com