Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-6137TD-G3 Datasheet(PDF) 11 Page - Copal Electronics

Part # W-6137TD-G3
Description  CMOS Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6137TD-G3 Datasheet(HTML) 11 Page - Copal Electronics

Back Button W-6137TD-G3 Datasheet HTML 7Page - Copal Electronics W-6137TD-G3 Datasheet HTML 8Page - Copal Electronics W-6137TD-G3 Datasheet HTML 9Page - Copal Electronics W-6137TD-G3 Datasheet HTML 10Page - Copal Electronics W-6137TD-G3 Datasheet HTML 11Page - Copal Electronics W-6137TD-G3 Datasheet HTML 12Page - Copal Electronics W-6137TD-G3 Datasheet HTML 13Page - Copal Electronics W-6137TD-G3 Datasheet HTML 14Page - Copal Electronics W-6137TD-G3 Datasheet HTML 15Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
W-6137
11
Typical Applications
Figure 25. W-6137 Driving Two LEDs
VIN
W-6137
LD
1 F
2.2 V to
5.0 V
C1
1 F
C2
R1
15
FB
SW
GND
ON
33 H
OFF
20 mA
VIN
VOUT
SHDN
VFB = 300 mV
L: Sumida CDRH3D16 330
D: Central CMDSH2-3 (rated 30 V)
C2: Taiyo Yuden GMK212BJ105KG-T (rated 35 V)
For best performance, a 33 H inductor and a 1 F output
capacitor are recommended for 2 LED applications.
In
configuration, the W-6137 can be powered
from two AA alkaline cells or from a Li ion battery.
Figure 26. Efficiency vs. LED Current, Two LEDs
LED CURRENT (mA)
40
30
20
10
0
70
75
80
90
100
85
95
VIN = 3.6 V
VIN = 3.0 V


Similar Part No. - W-6137TD-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6139 COPAL-W-6139 Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GE COPAL-W-6139TD-GE Datasheet
304Kb / 13P
   22 V High Current Boost
W-6139TD-GT COPAL-W-6139TD-GT Datasheet
304Kb / 13P
   22 V High Current Boost
More results

Similar Description - W-6137TD-G3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Sanyo Semicon Device
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com