Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN256 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AN256
Description  Ul t ra Low Vol tage Drop LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN256 Datasheet(HTML) 4 Page - Infineon Technologies AG

  AN256 Datasheet HTML 1Page - Infineon Technologies AG AN256 Datasheet HTML 2Page - Infineon Technologies AG AN256 Datasheet HTML 3Page - Infineon Technologies AG AN256 Datasheet HTML 4Page - Infineon Technologies AG AN256 Datasheet HTML 5Page - Infineon Technologies AG AN256 Datasheet HTML 6Page - Infineon Technologies AG AN256 Datasheet HTML 7Page - Infineon Technologies AG AN256 Datasheet HTML 8Page - Infineon Technologies AG AN256 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Application Note AN2xx56
BCR205W LED driver
INTERNAL ONLY
Application Note AN2xx213, 0.1
6 April 2011
4 / 11
1
Introduction
1.1
Features
 Wide input voltage range 1.8V – 18V
 Ultra low voltage overhead of only 0.2V
 5mA - 80mA LED drive current with external
transistor

 Tailored to drive LED up to 200 mW 
 Typical 3% LED current accuracy 
 No EMI 
 RoHS compliant (pb-free) 
 small SOT343 package 
Figure 1 BCR205W
1.2
Applications
 Channel letters
 Decorative lighting 
 Architectural lighting
 Gambling & vending machines lighting
 Refrigerator/freezer lighting for appliances and retail use  
1.3
Description
The BCR205W is a simple and low cost LED controller with an Ultra Low voltage
overhead providing to possibility to use the maximum amount of LEDs in series despite
following constraints
- LED forward voltage variation
- Voltage drop along long LED chains
- Tolerances in power supplies
- Varying battery voltage
The LED current is adjustable from 5mA to 80mA with a sense resistor. By using a digital
transistor as the power stage the number of external parts can be reduced to a minimum.
The small SOT-343 package allows the whole circuit to be realized on a very small PCB area.
1.4
Check List before powering up
Before powering on the BCR205 demo board, please verify the following:
 Make sure that the input voltage supply is less than 18V.
 Polarity of power supply must be correct.
 LED anode must connect to LED+, LED cathode must connect to LED-
 Be sure R7 and R9 is only one of them is on board.
 Please avoid reconnecting the LED array between LED+ and LED- terminals without powering down first.


Similar Part No. - AN256

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN256 SILABS-AN256 Datasheet
210Kb / 8P
   INTEGRATED PHASE NOISE
logo
STMicroelectronics
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
   PM6680A evaluation kit dual step-down controller with auxiliary voltages
AN2566 STMICROELECTRONICS-AN2566 Datasheet
633Kb / 29P
   PM6680 evaluation kit dual step-down controller
More results

Similar Description - AN256

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360 AMSCO-AS1360_11 Datasheet
1Mb / 14P
   1.5A Low-Power, Posi t ive Vol tage Regulator
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
SHANGHAI BELLING CO., L...
BL78LXX BELLING-BL78LXX Datasheet
96Kb / 8P
   The BL78LXX ser ies of f ixed vol tage
logo
California Eastern Labs
PS2805-1 CEL-PS2805-1 Datasheet
536Kb / 13P
   HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
ams AG
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
   Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
logo
Infineon Technologies A...
BCR430U INFINEON-BCR430U Datasheet
271Kb / 11P
   Low Drop Voltage LED Driver IC
Datasheet 1.0 2017-10-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com