Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61073DDC Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61073DDC
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61073DDC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61073DDC Datasheet HTML 2Page - Texas Instruments TPS61073DDC Datasheet HTML 3Page - Texas Instruments TPS61073DDC Datasheet HTML 4Page - Texas Instruments TPS61073DDC Datasheet HTML 5Page - Texas Instruments TPS61073DDC Datasheet HTML 6Page - Texas Instruments TPS61073DDC Datasheet HTML 7Page - Texas Instruments TPS61073DDC Datasheet HTML 8Page - Texas Instruments TPS61073DDC Datasheet HTML 9Page - Texas Instruments TPS61073DDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
VBAT = 1.2 V
TPS61070
VO = 1.8 V
TPS61071
VO = 1.8 V
IO − Output Current − mA
VBAT = 0.9 V
0
50
100
150
200
250
300
350
400
450
500
550
600
0.9
1.3 1.7
2.1 2.5 2.9 3.3
3.7 4.1 4.5 4.9
VI − Input Voltage − V
VO = 3.3 V
VO = 1.8 V
VO = 5 V
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
FIGURE
Maximum output current
vs Input voltage
1
vs Output current
2
vs Output current
3
Efficiency
vs Output current
4
vs Input voltage
5
vs Input voltage
6
vs Output current
7
Output voltage
vs Output current
8
No load supply current into VOUT
vs Input voltage
9
Output voltage in continuous mode (TPS61071)
10
Output voltage in continuous mode (TPS61071)
11
Output voltage in power-save mode (TPS61070)
12
Output voltage in power-save mode (TPS61070)
13
Load transient response (TPS61071)
14
Load transient response (TPS61071)
15
Waveforms
Line transient response (TPS61071)
16
Line transient response (TPS61071)
17
Start-up after enable (TPS61070)
18
Start-up after enable (TPS61070)
19
Start-up after enable (TPS61071)
20
Start-up after enable (TPS61071)
21
MAXIMUM OUTPUT CURRENT
EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 1.
Figure 2.
6
Submit Documentation Feedback


Similar Part No. - TPS61073DDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61073DDC TI-TPS61073DDC Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61073DDC TI1-TPS61073DDC Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61073DDCR TI-TPS61073DDCR Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61073DDCR TI1-TPS61073DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61073DDCRG4 TI1-TPS61073DDCRG4 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61073DDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com