Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79401DCQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79401DCQR
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79401DCQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS79401DCQR Datasheet HTML 1Page - Texas Instruments TPS79401DCQR Datasheet HTML 2Page - Texas Instruments TPS79401DCQR Datasheet HTML 3Page - Texas Instruments TPS79401DCQR Datasheet HTML 4Page - Texas Instruments TPS79401DCQR Datasheet HTML 5Page - Texas Instruments TPS79401DCQR Datasheet HTML 6Page - Texas Instruments TPS79401DCQR Datasheet HTML 7Page - Texas Instruments TPS79401DCQR Datasheet HTML 8Page - Texas Instruments TPS79401DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
OUT
NC − No internal connection
1
2
3
4
5
DCQ PACKAGE
NR
OUT
GND
IN
EN
2
1
3
4
7
8
6
5
NC
FB
NR
IN
NC
EN
GND
SOT223-6
(TOP VIEW)
DGN PACKAGE
MSOP PowerPAD
(TOP VIEW)
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 10 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
TPS79433
RIPPLE REJECTION
vs
FREQUENCY
90
100 k
1 M
10 M
0
30
50
80
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IOUT = 250 mA
IOUT = 1 mA
COUT = 2.2 µF,
CNR = 0.1 µF,
VIN = 3.8 V
TPS79428
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Frequency (Hz)
100
1000
10000
100000
6
GND
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR
REGULATORS
250-mA Low-Dropout Regulator With Enable
The TPS794xx family of low-dropout (LDO) linear
voltage regulators features high power-supply rejec-
Available in 1.8 V, 2.5 V, 2.8 V, 3 V, 3.3 V, and
tion ratio (PSRR), ultralow-noise, fast start-up, and
Adjustable (1.2 V to 5.5 V)
excellent line and load transient responses in small
High PSRR (60 dB at 10 kHz)
outline, MSOP-8 PowerPAD™ and SOT223-6 pack-
Ultralow Noise (32 µVrms, TPS79428)
ages. Each device in the family is stable with a small
2.2-µF ceramic capacitor on the output. The family
Fast Start-Up Time (50 µs)
uses an advanced, proprietary BiCMOS fabrication
Stable With a 2.2-µF Ceramic Capacitor
process to yield extremely low dropout voltages (e.g.,
Excellent Load/Line Transient Response
155 mV at 250 mA). Each device achieves fast
start-up times (approximately 50 µs with a 0.001-µF
Very Low Dropout Voltage (155 mV at Full
bypass capacitor) while consuming low quiescent
Load)
current (170 µA typical). Moreover, when the device
Available in MSOP-8 and SOT223-6 Packages
is placed in standby mode, the supply current is
reduced to less than 1 µA. The TPS79428 exhibits
approximately 32 µVRMS of output voltage noise at
RF: VCOs, Receivers, ADCs
2.8 V output with a 0.1-µF bypass capacitor. Appli-
cations
with
analog
components
that
are
Audio
noise-sensitive, such as portable RF electronics,
Bluetooth™, Wireless LAN
benefit from the high PSRR and low noise features as
Cellular and Cordless Telephones
well as the fast response time.
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79401DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79401DCQR TI1-TPS79401DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401DCQRG4 TI1-TPS79401DCQRG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79401DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com