Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8973B Datasheet(PDF) 7 Page - Keysight Technologies

Part # N8973B
Description  Noise Figure Analyzer, Multi-touch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8973B Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N8973B Datasheet HTML 2Page - Keysight Technologies N8973B Datasheet HTML 3Page - Keysight Technologies N8973B Datasheet HTML 4Page - Keysight Technologies N8973B Datasheet HTML 5Page - Keysight Technologies N8973B Datasheet HTML 6Page - Keysight Technologies N8973B Datasheet HTML 7Page - Keysight Technologies N8973B Datasheet HTML 8Page - Keysight Technologies N8973B Datasheet HTML 9Page - Keysight Technologies N8973B Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
07 | Keysight | N8973B, N8974B, N8975B, N8976B NFA X-Series Noise Figure Analyzer, Multi-touch - Data Sheet
RF input
Connector
N8973B, N8974B, N8975B
Type-N female, 50 Ω nominal
N8976B
2.4 mm male, 50 Ω nominal
Input VSWR
Input VSWR
N8973B, N8974B, N8975B
N8976B
10 MHz to 3.6 GHz
< 1.2:1 nominal
1.2:1 nominal
3.6 GHz to 26.5 GHz
< 1.9:1 nominal
1.5:1 nominal
26.5 GHz to 44.0 GHz
N/A
< 1.8:1 nominal
Measurement
Sweep
Number of points setting
2 to 501, or fixed frequency
Start/stop, center/span, Frequency list of up to 501 points
Sweep trigger
Continuous or single
Measurement speed
Local measurement and display update rate
11 ms (90/s)
Remote measurement and LAN transfer rate
6 ms (167/s)
Marker peak search
5 ms
Center frequency tune and transfer (RF)
22 ms
Center frequency tune and transfer (µW)
49 ms
Measurement/mode switching
75 ms
DUT profiles available
Amplifier
Includes any non-frequency-converting device (e.g. amplifiers, attenuators, filters, etc)
Downconverting DUT
With fixed or variable IF.
Instrument capable of controlling an external LO via GPIB, LAN, or USB
Upconverting DUT
With fixed or variable IF.
Instrument capable of controlling an external LO via GPIB, LAN, or USB
System downconverter
Allows the use of an external downconverting mixer as part of the measurement system.
Instrument capable of controlling an external LO via GPIB, LAN, or USB
Measurement
Display type and N.F. results
Type
4U multitouch
Output format
Graphical, table of values, or meter mode
Display channels
2
Number of markers
4
Limit lines
Upper and lower for each of 2 channels
Noise figure
Noise figure (F dB), or as a ratio (F)
Gain
Gain (G dB)
Y-factor
Y-factor (Y dB)
T effective
Effective noise temperature in Kelvin
P hot
Relative power density in dB
P cold
Relative power density in dB


Similar Part No. - N8973B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A HP-N8973A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
More results

Similar Description - N8973B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9030B KEYSIGHT-N9030B Datasheet
1Mb / 30P
   PXA X-Series Signal Analyzer, Multi-touch
N9041B-RT2 KEYSIGHT-N9041B-RT2 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9041B-RT1 KEYSIGHT-N9041B-RT1 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9040B KEYSIGHT-N9040B Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch N9040B
N9020B KEYSIGHT-N9020B Datasheet
1Mb / 19P
   MXA X-Series Signal Analyzer, Multi-touch N9020B
N9041B KEYSIGHT-N9041B Datasheet
859Kb / 9P
   UXA X-Series Signal Analyzer, Multi-touch N9041B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com