Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-AT-2LR Datasheet(PDF) 1 Page - Hirose Electric

Part # M-AT-2LR
Description  High reliability rotary attenuator for adjusting the signal level in variety of high frequency devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

M-AT-2LR Datasheet(HTML) 1 Page - Hirose Electric

  M-AT-2LR Datasheet HTML 1Page - Hirose Electric M-AT-2LR Datasheet HTML 2Page - Hirose Electric M-AT-2LR Datasheet HTML 3Page - Hirose Electric M-AT-2LR Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rotary Attenuators (SMA Type)
M-AT Series
NEW
2004.11
sOverview
High reliability rotary attenuator for adjusting the signal
level in variety of high frequency devices.
sFeatures
01. Ease of mounting in high-density applications
Small size and light weight allows side-by-side panel
mounting of several attenuators.
02. Supports a frequency range from DC to 3GHz
Used over a wide bandwidth with usable frequencies from
DC to 3GHz.
03. Easy connection
The output / input connectors (SMA jacks) face back,
allowing connection/disconnection after the attenuator
has been mounted to the panel.
04. Two attenuation directions.
Standard M-AT-1L attenuators are offered as clockwise
or counter-clockwise types.
05. Availability of custom requirements
Attenuators can be modified to fit specific requirements
(Example: attenuation steps, connector type )
Contact nearest Hirose Electric sales representative for
details.
sApplication
W-CDMA base stations and a wide variety of high
frequency devices.
Space-saving Design (Miniature and Lightweight)
50.4 mm
(1.98
inches)
15.0 mm
(0.59 inches)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - M-AT-2LR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
M-A-JJ HIROSE-M-A-JJ Datasheet
292Kb / 5P
   RFCO-AXIAL CONNECTORS
logo
Cooper Bussmann, Inc.
M-AAO10 COOPER-M-AAO10 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-AAO10 COOPER-M-AAO10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-AAO16 COOPER-M-AAO16 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-AAO16 COOPER-M-AAO16 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - M-AT-2LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPM-PS1 ETC2-EPM-PS1 Datasheet
450Kb / 22P
   The EPM-PS1 is a DC switching power supply designed for high reliability in a wide variety of applications.
logo
NXP Semiconductors
NE56610 PHILIPS-NE56610 Datasheet
124Kb / 9P
   Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
February 23, 2001
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
PETERMANN-TECHNIK
OCXO-50 PETERMANN-OCXO-50 Datasheet
25Kb / 2P
   HIGH RELIABILITY FOR LOW COST FREQUENCY RANGE OF 1.0 ~ 160.0 MHz
logo
Panasonic Battery Group
BR2330-GUN PANASONICBATTERY-BR2330-GUN Datasheet
104Kb / 4P
   Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
   Reliability of High Power
logo
Rochester Electronics
HA9P-2625-9 ROCHESTER-HA9P-2625-9 Datasheet
598Kb / 1P
   HIGH PERFORMANCE OP AMP useful in a variety of applications Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com