Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8975A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N8975A
Description  NFA Series Noise Figure Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8975A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N8975A Datasheet HTML 4Page - Keysight Technologies N8975A Datasheet HTML 5Page - Keysight Technologies N8975A Datasheet HTML 6Page - Keysight Technologies N8975A Datasheet HTML 7Page - Keysight Technologies N8975A Datasheet HTML 8Page - Keysight Technologies N8975A Datasheet HTML 9Page - Keysight Technologies N8975A Datasheet HTML 10Page - Keysight Technologies N8975A Datasheet HTML 11Page - Keysight Technologies N8975A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Display
Type
17 cm color LCD panel
Output format
Graphical, table of values, or meter mode
Display channels
2
Number of markers
4 per display channel
Limit lines
Upper and lower for each of 2 channels
Display units
Noise figure
Noise figure (F dB), or as a ratio (F)
Gain
Gain (G dB), or as a ratio (G)
Y-factor
Y-factor (Y dB) or as a ratio (Y)
Effective noise temperature
Effective input noise temperature in Kelvin, ° C, ° F
Phot
Relative power density in dB or as a ratio
Pcold
Relative power density in dB or as a ratio
Connectivity
GPIB
IEEE-488 bus connector
LO GPIB
IEEE-488 bus connector dedicated to local
oscillator control (SCPI or custom command set)
Serial
RS-232, 9-pin D-Sub male
Printer
25-pin parallel D-Sub female, for connection
with IEEE 1284 cable to a PCL3 or PCL5
compatible printer
VGA output
15-pin mini D-Sub female1
Probe power (nominal)
+15 Vdc, -12.6 Vdc at 150 mA max.
10 MHz Ref out
50
Ω nominal BNC (f), > 0 dBm
10 MHz Ref in
50
Ω nominal BNC (f), -15 to +10 dBm
BNC noise source drive output
Connector type
50
Ω-type BNC (f)
Output voltage
On: 28.0 V ±0.1 V at up to 60mA peak
Off: < 1 V
SNS noise source connector
For use with Agilent Technologies’
SNS Series noise sources
1.
31.5 kHz horizontal, 60 Hz vertical sync rates, non-interlaced, analog RGB 640 x 480.
8


Similar Part No. - N8975A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8975A HP-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8975A HP-N8975A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8975A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974A KEYSIGHT-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com