Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-0372-8-10 Datasheet(PDF) 4 Page - Hirose Electric

Part # 120-0372-8-10
Description  MS type Lower Profile Plug
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

120-0372-8-10 Datasheet(HTML) 4 Page - Hirose Electric

  120-0372-8-10 Datasheet HTML 1Page - Hirose Electric 120-0372-8-10 Datasheet HTML 2Page - Hirose Electric 120-0372-8-10 Datasheet HTML 3Page - Hirose Electric 120-0372-8-10 Datasheet HTML 4Page - Hirose Electric 120-0372-8-10 Datasheet HTML 5Page - Hirose Electric 120-0372-8-10 Datasheet HTML 6Page - Hirose Electric 120-0372-8-10 Datasheet HTML 7Page - Hirose Electric 120-0372-8-10 Datasheet HTML 8Page - Hirose Electric 120-0372-8-10 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
A
Bushing
Back-shell
Cable
Contacts
Strain relief clamp
Washer
Solder
Insulator/contact assembly
Pre-solder
Conductor portion
B
4
BAssembly Procedures
Outline of assembly
Process
1
2
a. Pass the strain relief clamp, washer, bushing, and hood over the cable, in this order.
b. Prepare the cable and conductors per the dimensions in Table 1.
c. Bend the exposed conductor to the B dimension as indicated in Table 1.
d. Pre-solder the exposed conductor and solder it as shown to the exposed contact.
Note: Use care not to damage the conductor’s insulation.
a. Place over the contact/insulator assembly (in the following order:Back shell, bushing, washer, strain relief clamp).
b. Tighten the Locking ring and Cable clamp to the torque values per Table 2.
c. Tighten the set screw to a torque value of 0.3-0.4 N-m
HRS recommended tool: PB205/1.27 (CL150-0066-3)or equivalent.
d. Using screwdriver tighten the two strain relief clamp screws until both sides of the moveable part are in contact with the cable clamp.
A
B
18-10 Size
Table 1
22-22 Size
24mm
13mm
33mm
15mm
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
®
Locking Ring
Cable Clamp
Table 2
3 to 3.5N • m
5 to 6N • m
4.5 mm min.
Cable
Strain relief clamp
Back-shell
Locking ring
Screw
Clamp
Washer
Bushing
Set screw
(Hexagonal hole opposite side 1.27 mm)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - 120-0372-8-10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-001 GLENAIR-120-001 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-001-09 GLENAIR-120-001-09 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-001-12 GLENAIR-120-001-12 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-001-16 GLENAIR-120-001-16 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
120-001-20 GLENAIR-120-001-20 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
More results

Similar Description - 120-0372-8-10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H-MS3057-12A73 HIROSE-H-MS3057-12A73 Datasheet
1Mb / 24P
   MS type Lower Profile Plug
HMS08A18-10S-DT10D HIROSE-HMS08A18-10S-DT10D Datasheet
1Mb / 20P
   MS type Lower Profile Plug(Circular connector conforming to MIL-C-5015)
logo
ZIEHL industrie-elektro...
T221734 ZIEHL-T221734 Datasheet
301Kb / 1P
   MS-Tester for PTC-Relays Type MS
logo
PHOENIX CONTACT
2920434 PHOENIX-2920434 Datasheet
305Kb / 7P
   Type 2 surge protection plug - VAL-MS 580-ST
02/04/2022
2817990 PHOENIX-2817990 Datasheet
110Kb / 8P
   Type 2 surge protection plug - F-MS 12 ST
09/12/2020
2858328 PHOENIX-2858328 Datasheet
83Kb / 7P
   Type 2 surge protection plug - F-MS 12-UD ST
10/10/2014
logo
Advanced Power Electron...
AP6982GN2-HF A-POWER-AP6982GN2-HF_16 Datasheet
106Kb / 5P
   Small Size & Lower Profile
logo
PHOENIX CONTACT
2856595 PHOENIX-2856595 Datasheet
261Kb / 7P
   Type 2 surge protection plug - VAL-MS 350 VF ST
02/04/2022
1553129 PHOENIX-1553129 Datasheet
54Kb / 3P
   Screw plug - PROT-MS SCO
logo
Nichicon corporation
JUA NICHICON-JUA Datasheet
643Kb / 1P
   Radial Lead Type, Lower Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com