Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6R21403-14023-62479 Datasheet(PDF) 9 Page - Microchip Technology

Part # W6R21403-14023-62479
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

W6R21403-14023-62479 Datasheet(HTML) 9 Page - Microchip Technology

Back Button W6R21403-14023-62479 Datasheet HTML 5Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 6Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 7Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 8Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 9Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 10Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 11Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 12Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 9
RN171
2.0
CIRCUIT DESCRIPTION
(HARDWARE INTERFACE)
The following sections describe the module’s hardware
interface.
2.1
UART Interface
The UART interface supports 2-wire (RX, TX) and
4-wire configurations with hardware flow control (RX,
TX, CTS, and RTS). The logic levels are CMOS voltage
levels (not RS-232 voltage levels). The UART interface
supports baud rates of 2,400; 4,800; 9,600; 19,200;
38,400; 115,200; and 230,400 bits per second. Refer to
the “WiFly Command Reference, Advanced Features
and Applications User's Guide
” (DS50002230) for
UART configuration information.
2.2
SPI Master Interface
The RN171 module contains a master SPI interface
(SPI_CS, SPI_CLK, SPI_MISO, and SPI_MOSI) that is
connected to an internal Flash memory. Do not connect
these pins on the host PCB.
2.3
SDIO Client Interface
The RN171 modules contain an SDIO client with
SD-SPI
mode
and
interface
(SD_CLK/SCLK,
SD_D3/SS, SD-D2, SD_D1/INT, SD_D0/MISO, and
SD_CMD/MOSI). This interface is not currently imple-
mented in the WiFly command reference.
2.4
In-System Programming (ISP)
The ISP_TX, ISP_RX, and other pins allow in-system
programming of the module. The module’s firmware
can be upgraded via ISP using a *.bin file.
Though it is optional, it is recommended to place the
ISP header on the host PCB to facilitate firmware
upgrades during development and manufacturing. The
header is two row by 8-pin with 0.050 inch space and
pitch (Samtech P/N FTSH-108-01-F-DV-K). Refer to
Figure 3-3 for information about connecting to the mod-
ule for ISP. The RN-ISP in-system programming inter-
face connects to the module for ISP. Refer to the
RN-ISP product page on the Microchip web site for
more information.
2.5
Analog Sensor Interface
Sensors (0-3) can be used to wake the module. The
sensor pins are 1.2V tolerant. When sensor pins are
used as sensor inputs, they accept input voltages up to
1.2V but saturate at 400 mV.
The 14-bit ADC requires a 35 ms conversion time with
0.01% linearity.
Additionally, the module has a low-power interface for
interfacing sensors such as push buttons, accelerome-
ters, security seals, and motion sensors.
2.6
Sensor Interface
The sensor can interface to:
• Four switch sensors
• A motion sensor for use with external ball-in-tube
• A pulsed comparator
• A Sample Measurement Unit (SMU) ADC
• A current generator for measurement
The switch sensors, motion sensors, and pulsed com-
parator are available when the module is awake or
asleep. The SMU ADC is only available when the mod-
ule is awake. The sensor elements share the module’s
eight sensor pins.
When the module is asleep, the sensor interface can
be used to detect events such as a switch opening or
closing, motion, or an analog voltage moving outside of
a preset window. When the module is awake, the SMU
can digitize the analog signals and make high-precision
analog measurements.
2.7
General Purpose Input/Output
(GPIO) Pins
The RN171 has 14 GPIO (GPIO1 through GPIO14)
pins that can be commanded by ASCII commands.
GPIO10 through GPIO14 pins have secondary func-
tions for the UART (TX, RX, CTS, and RTS), while oth-
ers can control connection modes, LEDs, etc.
Refer to the “WiFly Command Reference, Advanced
Features
and
Applications
User's
Guide
(DS50002230) for information on configuring and con-
trolling the module.
Note:
Use hardware flow control for baud rates
of 115,200 and higher.
Note:
The over-the-air FTP update image file
(*.img) is not compatible with the ISP.
WARNING
DO NOT apply voltages greater than 1.2V on any
of the sensor pins.


Similar Part No. - W6R21403-14023-62479

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
W6R21403-14023-62479 MICROCHIP-W6R21403-14023-62479 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
More results

Similar Description - W6R21403-14023-62479

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
   Industrial IEEE 802.11 b/g/n wireless access point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com