Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP07N65 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJP07N65
Description  N - Channel Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJP07N65 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJP07N65 Datasheet HTML 1Page - ZP Semiconductor CJP07N65 Datasheet HTML 2Page - ZP Semiconductor CJP07N65 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220-3L Plastic-Encapsulate MOSFETS
CJP07N65
N-Channel Power MOSFET
GENERAL DESCRIPTION
This advanced high voltage MOSFET is designed to stand
high energy in the avalanche mode and switch efficiently. This new
high energy device also offers a drain-to-source diode fast
recovery time. Desighed for high voltage, high speed switching
applications such as power supplies, converters, power motor
controls and bridge circuits.
FEATURE
High Current Rating
Lower RDS(on)
Lower Capacitance
Lower Total Gate Charge
Tighter VSD Specifications
Avalanche Energy Specified
Fast Switching Capability
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
7.4
A
Pulsed Drain Current
IDM
29.6
A
Single Pulsed Avalanche Energy (note1)
EAS
245
mJ
Thermal Resistance from Junction to Ambient
RθJA
62.5
℃/W
Operating and Storage Temperature Range
TJ, TSTG
-55 ~+150
Maximum Lead Temperature for Soldering Purposes ,
Duration for 5 Seconds
TL
260
TO-220-3L
1. GATE
2. DRAIN
3. SOURCE
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJP07N65


Similar Part No. - CJP07N65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJP07N65 JIANGSU-CJP07N65 Datasheet
2Mb / 4P
   N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CJP07N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com