Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79433DCQ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79433DCQ
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79433DCQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79433DCQ Datasheet HTML 5Page - Texas Instruments TPS79433DCQ Datasheet HTML 6Page - Texas Instruments TPS79433DCQ Datasheet HTML 7Page - Texas Instruments TPS79433DCQ Datasheet HTML 8Page - Texas Instruments TPS79433DCQ Datasheet HTML 9Page - Texas Instruments TPS79433DCQ Datasheet HTML 10Page - Texas Instruments TPS79433DCQ Datasheet HTML 11Page - Texas Instruments TPS79433DCQ Datasheet HTML 12Page - Texas Instruments TPS79433DCQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
APPLICATION INFORMATION
TPS794xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.1
µF
0.01
µF
2.2
µF
External Capacitor Requirements
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
The TPS794xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive equipment.
The device features extremely low dropout voltages, high PSRR, ultralow output noise, low quiescent current,
and enable input to reduce supply currents to less than 1 µA when the regulator is turned off.
A typical application circuit is shown in Figure 22.
Figure 22. Typical Application Circuit
A 0.1-µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS794xx, is required for stability. It improves transient response, noise rejection, and ripple rejection. A
higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated or the device
is located several inches from the power source.
Like most low dropout regulators, the TPS794xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 2.2 µF. Any 2.2 µF or larger
ceramic capacitor is suitable.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS794xx has an NR pin which
is connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the NR pin, creates a low-pass filter to reduce the
voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the NR pin must be at a minimum, because any leakage current creates an IR
drop across the internal resistor thus creating an output error. Therefore, the NR capacitor must have minimal
leakage current. The bypass capacitor should be no more than 0.1 µF to ensure that it is fully charged during the
quickstart time provided by the internal switch shown in the functional block diagram.
For example, the TPS79428 exhibits only 32 µVRMS of output voltage noise using a 0.1-µF ceramic NR capacitor
and a 2.2-µF ceramic output capacitor. Note that the output starts up slower as the bypass capacitance
increases due to the RC time constant at the NR pin that is created by the internal 250-k
Ω resistor and external
capacitor.
9


Similar Part No. - TPS79433DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79433DCQ TI1-TPS79433DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79433DCQR TI1-TPS79433DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79433DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com