Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM140-S Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FM140-S
Description  1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM140-S Datasheet(HTML) 1 Page - Frontier Electronics.

  FM140-S Datasheet HTML 1Page - Frontier Electronics. FM140-S Datasheet HTML 2Page - Frontier Electronics. FM140-S Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FM120-S THRU FM1200-S SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM FORWARD RECTIFIED CURRENT
IO
1
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE BETWEEN TERMINALS (NOTE 1)
CJ
120
pF
STORAGE TEMPERATURE RANGE
TSTG
- 65 TO +175
°C
OPERATING JUNCTION TEMPERATURE RANGE (NOTE 2)
TJ
- 55 TO +150
°C
MAX. DC REVERSE CURRENT AT RATED DC BLOCKING VOLTAGE TJ= 25°C
IR
0.5
mA
MAX. DC REVERSE CURRENT AT RATED DC BLOCKING VOLTAGE TJ= 100°C
IR
10
mA
TYPICAL THERMAL RESISTANCE
RƟJA
72
°C/W
RƟJC
36
°C/W
PART
NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR
(V)
MAX VRMS
(V)
TYPICAL FORWARD
VOLTAGE AT IF = 1A
VF (V)
MARKING
FM120-S
20
14
0.50
SK12
FM130-S
30
21
0.50
SK13
FM140-S
40
28
0.50
SK14
FM150-S
50
35
0.70
SK15
FM160-S
60
42
0.70
SK16
FM180-S
80
56
0.85
SK18
FM1100-S
100
70
0.85
S110
FM1150-S
150
105
0.90
S115
FM1200-S
200
140
0.92
S120
NOTE︰1. MEASURE AT 1MHz WITH 4VDC REVERSE VOLTAGE APPLIED .
2. FOR THE FM120-S, FM130-S, AND FM140-S, THE OPERATING JUNCTION TEMPERATURE RANGE IS FROM -55 TO +125°C
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXCELLENT REVERSE LEAKAGE CURRENT AND
THERMAL RESISTANCE
3.
HIGH CURRENT CAPABILITY, LOW POWER LOSS
4.
SILICON EPITAXIAL PLANAR CHIP, METAL SILICON
JUNCTION
5.
GUARDRING FOR OVERVOLTAGE PROTECTION
6.
CASE: TRANSFER MOLDED, DO-214AC (SMA-S)
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9.
WEIGHT: 0.05 GRAMS
10
RoHS COMPLIANT
, ADD SUFFIX “H” FOR HALOGEN FREE
i.e. FM120-S-H: RoHS COMPLIANT/HALOGEN FREE


Similar Part No. - FM140-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM140-S FORMOSA-FM140-S Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM140-S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-THRU-FM5200 FRONTIER-FM520-THRU-FM5200 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-BS-THRU-FM5200-BS FRONTIER-FM520-BS-THRU-FM5200-BS Datasheet
641Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM220-S-THRU-FM2200-S FRONTIER-FM220-S-THRU-FM2200-S Datasheet
640Kb / 3P
   2A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
Guangdong Youtai Semico...
SS12F UMW-SS12F Datasheet
580Kb / 3P
   20V-200V 1A
SS12 UMW-SS12 Datasheet
566Kb / 3P
   20V-200V 1A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com