Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN75A Datasheet(PDF) 3 Page - Microchip Technology

Part # TCN75A
Description  2-Wire Serial Temperature Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75A Datasheet(HTML) 3 Page - Microchip Technology

  TCN75A_1 Datasheet HTML 1Page - Microchip Technology TCN75A_1 Datasheet HTML 2Page - Microchip Technology TCN75A_1 Datasheet HTML 3Page - Microchip Technology TCN75A_1 Datasheet HTML 4Page - Microchip Technology TCN75A_1 Datasheet HTML 5Page - Microchip Technology TCN75A_1 Datasheet HTML 6Page - Microchip Technology TCN75A_1 Datasheet HTML 7Page - Microchip Technology TCN75A_1 Datasheet HTML 8Page - Microchip Technology TCN75A_1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2010 Microchip Technology Inc.
DS21935D-page 3
TCN75A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Voltage at all Input/Output pins .....GND – 0.3V to 5.5V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
Junction Temperature (TJ) ................................. 150°C
ESD protection on all pins (HBM:MM) .......(4 kV:400V)
Latch-up current at each pin ......................... ±200 mA
†Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, and
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
2.7
5.5
V
Operating Current
IDD
200
500
µA
Continuous operation
Shutdown Current
ISHDN
0.1
2
µA
Shutdown mode
Power-on Reset (POR) Threshold
VPOR
—1.7
V
VDD falling edge
Line Regulation
°C/VDD
—0.2
°C/V
VDD = 2.7V to 5.5V
Temperature Sensor Accuracy
TA = -40°C to +125°C
TACY
-2
±1
+2
°C
VDD = 3.3V
Internal
 ADC
Conversion Time:
0.5°C Resolution
tCONV
30
ms
33 samples/sec (typical)
0.25°C Resolution
tCONV
60
ms
17 samples/sec (typical)
0.125°C Resolution
tCONV
120
ms
8 samples/sec (typical)
0.0625°C Resolution
tCONV
240
ms
4 samples/sec (typical)
Alert Output (Open-drain)
High-level Current
IOH
——
1
µA
VOH = 5V
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
Thermal Response
Response Time
tRES
1.4
s
Time to 63% (89°C)
27°C (air) to 125°C (oil
bath)


Similar Part No. - TCN75A_1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCN75AVOA MICROCHIP-TCN75AVOA Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
TCN75AVOA713 MICROCHIP-TCN75AVOA713 Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
TCN75AVUA MICROCHIP-TCN75AVUA Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
TCN75AVUA713 MICROCHIP-TCN75AVUA713 Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
More results

Similar Description - TCN75A_1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
   2-Wire Serial Temperature Sensor
2006
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
   2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com