Electronic Components Datasheet Search |
|
ISE2409A Datasheet(PDF) 2 Page - XP Power Limited |
|
ISE2409A Datasheet(HTML) 2 Page - XP Power Limited |
2 / 3 page ISE Series www.xppower.com 2 DC-DC Converter Input Output Characteristic Minimum Typical Maximum Units Notes & Conditions Output Voltage 3.3 24 VDC See Models and Ratings table Initial Set Accuracy -7.5, +2.5 % At 70% load Minimum Load 10 % Line Regulation ±1.2 % Per 1% change of input voltage (±1.5% for 3V3 output) Load Regulation % See graph Start Up Delay ms Ripple and Noise 30/60 mV pk-pk For models ≤12 V/ For 15 V & 24 V models, 20 MHz bandwidth, measured using 0.1 µF capacitor Transient Response 3 % deviation Recovery to within 1% in 500 µs for a 25% load change (5% max. deviation for 3.3 & 5 V models) Short Circuit Protection Continuous, with auto recovery, except 1 s max for 24 input V models Maximum Capacitive Load 220 µF Temperature Coefficient 0.02 %/˚C Characteristic Minimum Typical Maximum Units Notes & Conditions Input Voltage Range 2.97 3.63 VDC 3.3 V nominal 4.50 5.50 VDC 5 V nominal 10.80 13.20 VDC 12 V nominal 13.50 16.50 VDC 15 V nominal 21.60 26.40 VDC 24 V nominal Input Current See Models and Ratings table Input Reflected Ripple 15 mA pk-pk Through 12 µH inductor and 47 µF capacitor Input Surge 5 VDC for 1 s 3.3 V models 9 VDC for 1 s 5 V models 18 VDC for 1 s 12 V models 21 VDC for 1 s 15 V models 30 VDC for 1 s 24 V models Input Filter Capacitor General Characteristic Minimum Typical Maximum Units Notes & Conditions Efficiency See Models and Ratings table Isolation: Input to Output 1500 VDC For optional high isolation versions, 3000 VDC input to output add suffix -H to model number Switching Frequency 50 300 kHz Full load, nominal input Isolation Resistance 109 Ω Input to output, tested at 500 VDC Isolation Capacitance 20 pF Input to output Power Density 15.9 Win3 Mean Time Between Failure 3500 kHrs MIL-HDBK-217F, +25 °C GB Weight 0.003 (1.5) lb (g) Environmental Characteristic Minimum Typical Maximum Units Notes & Conditions Operating Temperature -40 +105 °C Derate from 100% load at +100 °C to 80% load at 105 °C Storage Temperature -55 +125 °C Case Temperature +115 °C Operating Humidity 95 % RH Non-condensing Cooling Natural convection |
Similar Part No. - ISE2409A |
|
Similar Description - ISE2409A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |