Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3163BPWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3163BPWG
Description  3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163BPWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3163BPWG Datasheet HTML 2Page - ON Semiconductor NCP3163BPWG Datasheet HTML 3Page - ON Semiconductor NCP3163BPWG Datasheet HTML 4Page - ON Semiconductor NCP3163BPWG Datasheet HTML 5Page - ON Semiconductor NCP3163BPWG Datasheet HTML 6Page - ON Semiconductor NCP3163BPWG Datasheet HTML 7Page - ON Semiconductor NCP3163BPWG Datasheet HTML 8Page - ON Semiconductor NCP3163BPWG Datasheet HTML 9Page - ON Semiconductor NCP3163BPWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP3163, NCV3163
http://onsemi.com
6
2.8
2.4
2.0
1.6
1.2
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
Pin 16 = VCC + 5.0 V
7.6
7.4
7.2
7.0
6.8
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
IZ = 25 mA
Figure 8. Bootstrap Input Current
Source vs. Temperature
Figure 9. Bootstrap Input Zener Clamp
Voltage vs. Temperature
0
-0.4
0
0.8
2.4
3.2
IE, EMITTER CURRENT (A)
-0.8
-1.2
-1.6
-2.0
1.2
1.0
IC, COLLECTOR CURRENT (A)
0.8
0.6
0.4
0.2
0
GND
1.6
Bootstrapped, Pin 16 = VCC + 5.0 V
Non-Bootstrapped, Pin 16 = VCC
VCC
0
0.8
2.4
3.2
1.6
Figure 10. Output Switch Source Saturation
vs. Emitter Current
Figure 11. Output Switch Sink Saturation
vs. Collector Current
Darlington, Pins 9, 10, 11 Connected
Grounded Emitter Configuration
Collector Sinking Current From VCC
Pins 7, 8 = VCC = 15 V
Pins 4, 5, 12, 13, 14, 15 = GND
TA = 25°C, (Note 2)
Saturated Switch, RPin9 = 110 W to VCC
Darlington Configuration
Emitter Sourcing Current to GND
Pins 7, 8, 10, 11 = VCC
Pins 4, 5, 12, 13 = GND
TA = 25°C, (Note 2)
Figure 12. Output Switch Negative Emitter
Voltage vs. Temperature
Figure 13. Low Voltage Indicator Output Sink
Saturation Voltage vs. Sink Current
0
-0.4
-0.8
-1.2
-1.6
-2.0
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
IC = 10 mA
0.5
0.4
0
2.0
4.0
6.0
8.0
Isink, OUTPUT SINK CURRENT (mA)
0.3
0.2
0.1
0
VCC =5 V
TA =25°C
GND
IC = 10 mA
VCC = 15 V
Pins 7, 8, 9, 10, 16 = VCC
Pins 4, 6 = GND
Pin 14 Driven Negative


Similar Part No. - NCP3163BPWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163BPWG ONSEMI-NCP3163BPWG Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163BPWG ONSEMI-NCP3163BPWG Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
More results

Similar Description - NCP3163BPWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163 Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com