Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3163BPWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP3163BPWG
Description  3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163BPWG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP3163BPWG Datasheet HTML 1Page - ON Semiconductor NCP3163BPWG Datasheet HTML 2Page - ON Semiconductor NCP3163BPWG Datasheet HTML 3Page - ON Semiconductor NCP3163BPWG Datasheet HTML 4Page - ON Semiconductor NCP3163BPWG Datasheet HTML 5Page - ON Semiconductor NCP3163BPWG Datasheet HTML 6Page - ON Semiconductor NCP3163BPWG Datasheet HTML 7Page - ON Semiconductor NCP3163BPWG Datasheet HTML 8Page - ON Semiconductor NCP3163BPWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP3163, NCV3163
http://onsemi.com
2
16
9
10
11
12
13
14
15
8
7
6
5
4
3
2
LVI
Oscillator
+
+
-
Current
Limit
Figure 2. Representative Block Diagram
(Bottom View)
-
+
+
+
-
1
VCC
VCC
VCC
Thermal
R
S
Q
Driver Collector
Switch Collector
0.25 V
Switch Emitter
Bootstrap Input
Voltage Feedback 1
Voltage Feedback 2
LVI Output
Gnd
IPKsense
VCC
RSC
Timing Capacitor
2.0 mA
7.0 V
60
Q1
Q2
1.125 V
15 k
1.25 V
Feedback
Comparator
Shutdown
CT
RDT
45 k
Latch
+
-
= Sink Only
Positive True Logic
PIN FUNCTION DESCRIPTION
SOIC16
DFN18
PIN NAME
DESCRIPTION
1
15
LVI Output
This pin will sink current when FB1 and FB2 are less than the LVI threshold (Vth).
2
16
Voltage Feedback 2
Connecting this pin to a resistor divider off of the output will regulate the application
according to the Vout design equation in Figure 22.
3
17
Voltage Feedback 1
Connecting this pin directly to the output will regulate the device to 5.05 V.
4
18
GND
Ground pin for all internal circuits and power switch.
6
1
Timing Capacitor
Connect a capacitor to this pin to set the frequency. The addition of a parallel resist-
or will decrease the maximum duty cycle and increase the frequency.
7
3
VCC
Power pin for the IC.
8
4
Ipk Sense
When (VCC−VIPKsense) > 250 mV the circuit resets the output driver on a pulse by
pulse basis.
9
5
Drive Collector
Voltage driver collector
10,11
6,7,8,9
Switch Collector
Internal switch transistor collector
14,15
10,11,12,13
Switch Emitter
Internal switch transistor emitter
16
14
Bootstrap Input
Connect this pin to VCC for operation at low VCC levels. For some topologies, a
series resistor and capacitor can be utilized to improve the converter efficiency.
5,12,13
2
No Connect
These pins have no connection.
Exposed
Pad
Exposed
Pad
Exposed Pad
The exposed pad beneath the package must be connected to GND (pin 4). Addi-
tionally, using proper layout techniques, the exposed pad can greatly enhance the
power dissipation capabilities of the NCP3163.


Similar Part No. - NCP3163BPWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163BPWG ONSEMI-NCP3163BPWG Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163BPWG ONSEMI-NCP3163BPWG Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
More results

Similar Description - NCP3163BPWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163 Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com