Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4681DMX29TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4681DMX29TCG
Description  Ultra Low Quiescent Current, Low Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681DMX29TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4681DMX29TCG Datasheet HTML 1Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 2Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 3Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 4Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 5Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 6Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 7Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 8Page - ON Semiconductor NCP4681DMX29TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP4681, NCP4684
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.1 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
(Note 3)
VIN
1.40
5.25
V
Output Voltage
TA = +25°C
VOUT ≥ 2.0 V
VOUT
x0.99
x1.01
V
VOUT < 2.0 V
−20
20
mV
−40°C ≤ TA ≤ 85°C
VOUT ≥ 2.0 V
x0.970
x1.025
V
VOUT < 2.0 V
−60
60
mV
Output Voltage Temp. Coefficient
−40°C ≤ TA ≤ 85°C
DVOUT/DTA
±100
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.0 V
LineReg
0.02
0.10
%/V
Load Regulation
IOUT = 1 mA to 150 mA
LoadReg
−20
0
20
mV
Dropout Voltage
IOUT = 150 mA
0.8 V ≤ VOUT < 0.9 V
VDO
0.96
1.40
V
0.9 V ≤ VOUT < 1.0 V
0.87
1.25
1.0 V ≤ VOUT < 1.2 V
0.78
1.15
1.2 V ≤ VOUT < 1.4 V
0.64
1.00
1.4 V ≤ VOUT < 1.7 V
0.52
0.80
1.7 V ≤ VOUT < 2.0 V
0.40
0.60
2.0 V ≤ VOUT < 2.5 V
0.32
0.48
2.5 V ≤ VOUT < 3.0 V
0.28
0.40
3.0 V ≤ VOUT < 3.6 V
0.25
0.35
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
IQ
1
2
mA
Standby Current
VCE = 0 V, TA = 25°C, NCP4681 only
ISTB
0.1
1.0
mA
CE Pin Threshold Voltage
(NCP4681 only)
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
NCP4681 only
ICEPD
0.3
mA
Power Supply Rejection Ratio
VOUT = 1.5 V, VIN = 2.5 V, DVIN = 0.2 Vpk−pk,
IOUT = 30 mA, f = 1 kHz
PSRR
25
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, VOUT = 1.5 V, VIN = 2.5 V,
IOUT = 30 mA
VN
100
mVrms
Low Output Nch Tr. On Resistance
VIN = 4 V, VCE = 0 V, NCP4681D only
RLOW
60
W
3. The maximum Input Voltage of the Electrical Characteristics is 5.25 V. In case of exceeding this specification, the IC must be operated n
condition that the Input Voltage is up to 5.50 V and total operation time is within 500 hours.


Similar Part No. - NCP4681DMX29TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681DMX29TCG ONSEMI-NCP4681DMX29TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4681DMX29TCG

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com