Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3163BMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3163BMNR2G
Description  3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163BMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3163BMNR2G Datasheet HTML 1Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 2Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 3Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 4Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 5Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 6Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 7Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 8Page - ON Semiconductor NCP3163BMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP3163, NCV3163
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
0 to +40
V
Switch Collector Voltage Range
VCSW
−1.0 to +40
V
Switch Emitter Voltage Range
VESW
−2.0 to +40
V
Switch Collector to Emitter Voltage
VCESW
+40
V
Switch Current
ISW
3.4
A
Driver Collector Voltage (Pin 8)
VCC
−1.0 to +40
V
Driver Collector Current (Pin 8)
ICC
150
mA
Bootstrap Input Current Range
IBST
−100 to +100
mA
Current Sense Input Voltage Range
VIPKSNS
(VCC − 7.0) to (VCC + 1.0)
V
Feedback and Timing Capacitor Input Voltage Range
Vin
−1.0 to +7.0
V
Low Voltage Indicator Output Voltage Range
VCLVI
−1.0 to +40
V
Low Voltage Indicator Output Sink Current
ICLVI
10
mA
Power Dissipation and Thermal Characteristics
Thermal Characteristics
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Air
RqJC
RqJA
15
56
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
Operating Ambient Temperature (Note 3)
NCP3163
NCP3163B
NCV3163
TA
0 to +70
−40 to +85
−40 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
Charged Device Model 750 V for corner pins and 500 V for others (according to AEC−Q100).
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. Maximum package power dissipation limits must be observed. Maximum Junction Temperature must not be exceeded.
4. The pins which are not defined may not be loaded by external signals.
116
15
14
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
LVI Output
Voltage Feedback 2
Voltage Feedback 1
GND
Timing Capacitor
VCC
Ipk Sense
Bootstrap Input
Switch
Emitter
N/C
Switch Collector
Driver Collector
PIN CONNECTIONS
N/C
GND
Voltage Feedback 1
LVI Output
Bootstrap Input
Switch Emitter
Switch Emitter
Switch Emitter
Switch Emitter
Voltage Feedback 2
Timing Capacitor
N/C
VCC
Ipk Sense
Switch Collector
Switch Collector
Switch Collector
Switch Collector
Driver Collector
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
17
18
Note: Pin 18 must be tied to EP Flag on PCB
GND
EP Flag


Similar Part No. - NCP3163BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
More results

Similar Description - NCP3163BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163 Datasheet
264Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
May, 2006-Rev. 1
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com