Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP512SQ27T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP512SQ27T2G
Description  CMOS Low Iq Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP512SQ27T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP512SQ27T2G Datasheet HTML 1Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 2Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 3Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 4Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 5Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 6Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 7Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 8Page - ON Semiconductor NCP512SQ27T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
June, 2009 − Rev. 15
1
Publication Order Number:
NCP512/D
NCP512
80 mA CMOS Low Iq
Voltage Regulator
The NCP512 series of fixed output linear regulators are designed for
handheld communication equipment and portable battery powered
applications which require low quiescent. The NCP512 series features
an ultra−low quiescent current of 40
mA. Each device contains a
voltage reference unit, an error amplifier, a PMOS power transistor,
resistors for setting output voltage, current limit, and temperature limit
protection circuits.
The NCP512 has been designed to be used with low cost ceramic
capacitors. The device is housed in the micro−miniature SC70−5
surface mount package. Standard voltage versions are 1.3, 1.5, 1.8,
2.2, 2.5, 2.7, 2.8, 3.0, 3.1, 3.3, and 5.0 V. Other voltages are available
in 100 mV steps.
Features
Low Quiescent Current of 40 mA Typical
Low Dropout Voltage of 180 mV at 80 mA and 3.0 V Vout
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Industrial Temperature Range of −40°C to 85°C
These are Pb−Free Devices
Typical Applications
Cellular Phones
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
Figure 1. Typical Application Diagram
This device contains 86 active transistors
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SC70−5/SC−88A/
SOT−353
SQ SUFFIX
CASE 419A
1
5
PIN CONNECTIONS
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
(Top View)
MARKING
DIAGRAM
http://onsemi.com
xxx M G
G
xxx = Device Code
M = Date Code*
G
= Pb−Free Package
*Date Code orientation and/or position may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - NCP512SQ27T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512SQ27T2G ONSEMI-NCP512SQ27T2G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
More results

Similar Description - NCP512SQ27T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553 ONSEMI-NCP553 Datasheet
156Kb / 8P
   CMOS Low Iq NOCAP Voltage Regulator
November, 2016 ??Rev. 5
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com