Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP163BFCT2925T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP163BFCT2925T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163BFCT2925T2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP163BFCT2925T2G Datasheet HTML 4Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 5Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 6Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 7Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 8Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 9Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 10Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 11Page - ON Semiconductor NCP163BFCT2925T2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP163
www.onsemi.com
8
APPLICATIONS INFORMATION
General
The NCP163 is an ultra−low noise 250 mA low dropout
regulator designed to meet the requirements of RF
applications and high performance analog circuits. The
NCP163 device provides very high PSRR and excellent
dynamic response. In connection with low quiescent current
this device is well suitable for battery powered application
such as cell phones, tablets and other. The NCP163 is fully
protected in case of current overload, output short circuit and
overheating.
Input Capacitor Selection (CIN)
Input capacitor connected as close as possible is necessary
for ensure device stability. The X7R or X5R capacitor
should be used for reliable performance over temperature
range. The value of the input capacitor should be 1
mF or
greater to ensure the best dynamic performance. This
capacitor will provide a low impedance path for unwanted
AC signals or noise modulated onto constant input voltage.
There is no requirement for the ESR of the input capacitor
but it is recommended to use ceramic capacitors for their low
ESR and ESL. A good input capacitor will limit the
influence of input trace inductance and source resistance
during sudden load current changes.
Output Decoupling (COUT)
The NCP163 requires an output capacitor connected as
close as possible to the output pin of the regulator. The
recommended capacitor value is 1
mF and X7R or X5R
dielectric due to its low capacitance variations over the
specified temperature range. The NCP163 is designed to
remain stable with minimum effective capacitance of 0.7
mF
to account for changes with temperature, DC bias and
package size. Especially for small package size capacitors
such as 0201 the effective capacitance drops rapidly with the
applied DC bias. Please refer Figure 22.
Figure 22. Capacity vs DC Bias Voltage
There is no requirement for the minimum value of
Equivalent Series Resistance (ESR) for the COUT but the
maximum value of ESR should be less than 2
W. Larger
output capacitors and lower ESR could improve the load
transient response or high frequency PSRR. It is not
recommended to use tantalum capacitors on the output due
to their large ESR. The equivalent series resistance of
tantalum capacitors is also strongly dependent on the
temperature, increasing at low temperature.
Enable Operation
The NCP163 uses the EN pin to enable/disable its device
and to deactivate/activate the active discharge function.
If the EN pin voltage is <0.4 V the device is guaranteed to
be disabled. The pass transistor is turned−off so that there is
virtually no current flow between the IN and OUT. The
active discharge transistor is active so that the output voltage
VOUT is pulled to GND through a 280
Ω resistor. In the
disable state the device consumes as low as typ. 10 nA from
the VIN.
If the EN pin voltage >1.2 V the device is guaranteed to
be enabled. The NCP163 regulates the output voltage and
the active discharge transistor is turned−off.
The EN pin has internal pull−down current source with
typ. value of 200 nA which assures that the device is
turned−off when the EN pin is not connected. In the case
where the EN function isn’t required the EN should be tied
directly to IN.
Output Current Limit
Output Current is internally limited within the IC to a
typical 700 mA. The NCP163 will source this amount of
current measured with a voltage drops on the 90% of the
nominal VOUT. If the Output Voltage is directly shorted to
ground (VOUT = 0 V), the short circuit protection will limit
the output current to 690 mA (typ). The current limit and
short circuit protection will work properly over whole
temperature range and also input voltage range. There is no
limitation for the short circuit duration.
Thermal Shutdown
When the die temperature exceeds the Thermal Shutdown
threshold (TSD − 160
°C typical), Thermal Shutdown event
is detected and the device is disabled. The IC will remain in
this state until the die temperature decreases below the
Thermal Shutdown Reset threshold (TSDU − 140
°C typical).
Once the IC temperature falls below the 140
°C the LDO is
enabled again. The thermal shutdown feature provides the
protection from a catastrophic device failure due to
accidental overheating. This protection is not intended to be
used as a substitute for proper heat sinking.
Power Dissipation
As power dissipated in the NCP163 increases, it might
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. Mounting pad
configuration on the PCB, the board material, and the
ambient temperature affect the rate of junction temperature
rise for the part.


Similar Part No. - NCP163BFCT2925T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163BFCT2925T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com