Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2005 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2005
Description  Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2005 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2005_16 Datasheet HTML 1Page - ON Semiconductor NCS2005_16 Datasheet HTML 2Page - ON Semiconductor NCS2005_16 Datasheet HTML 3Page - ON Semiconductor NCS2005_16 Datasheet HTML 4Page - ON Semiconductor NCS2005_16 Datasheet HTML 5Page - ON Semiconductor NCS2005_16 Datasheet HTML 6Page - ON Semiconductor NCS2005_16 Datasheet HTML 7Page - ON Semiconductor NCS2005_16 Datasheet HTML 8Page - ON Semiconductor NCS2005_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCS2005
www.onsemi.com
4
Table 6. ELECTRICAL CHARACTERISTICS AT 5 V SUPPLY Unless otherwise noted, values are referenced to TA = 25
°C, V+ =
5 V, V− = 0 V, VCM = V+/2, and RL ≥ 1 MW to V+/2. Boldface limits apply from TA = −40°C to 125°C, unless otherwise noted. (Notes 10,
11)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
SUPPLY CHARACTERISTICS
Quiescent Supply Current
No load
IS
1.25
mA
Power Supply Rejection Ratio
VS = 2.7 V to 30 V
PSRR
113
dB
70
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.2
6
mV
6
Input Offset Voltage Drift
DV/DT
1
mV/°C
Input Bias Current
VCM = 0 V
IIB
55
nA
VCM = 5 V
55
Input Offset Current
VCM = 0 V
IOS
2
nA
VCM = 5 V
2
Input Resistance
RIN
45
M
W
Input Capacitance
CIN
3
pF
Common Mode Rejection Ratio
VCM = V− to V+
CMRR
68
90
dB
OUTPUT CHARACTERISTICS
High−level Output Voltage
IL = 5 mA
VOH
4.75
4.83
V
Low−Level Output Voltage
IL = 5 mA
VOL
130
200
mV
Output Current Capability
Sourcing current
IOUT
12
mA
Sinking current
20
DYNAMIC PERFORMANCE
Open Loop Voltage Gain
RL = 10 kW
AVOL
83
100
dB
Gain−Bandwidth Product
RL = 10 kW
GBWP
8.5
MHz
Gain Margin
RL = 10 kW
AM
5.5
dB
Phase Margin
RL = 10 kW
yM
65
°
Slew Rate
RL = 10 kW
SR
2.7
V/
ms
Total Harmonic Distortion Plus Noise
fIN = 1 kHz, AV = 2, RL = 2 kW
THD+n
0.002
%
NOISE PERFORMANCE
Voltage Noise Density
f = 1kHz
eN
45
nV/
√Hz
10. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
11. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C.


Similar Part No. - NCS2005_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results

Similar Description - NCS2005_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
[Old version datasheet]   Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com