Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2001SQ2T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2001SQ2T2G
Description  Rail-to-Rail, Single Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SQ2T2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2001SQ2T2G Datasheet HTML 4Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 5Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 6Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 7Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 8Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 9Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 10Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 11Page - ON Semiconductor NCS2001SQ2T2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCS2001, NCV2001
http://onsemi.com
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
80
0
60
40
20
VS, Supply Voltage (V)
Phase Margin
100
0
60
40
20
Gain Margin
RL = 10 k
CL = 10 pF
TA = 25°C
100
80
Phase Margin
Gain Margin
80
0
60
40
20
CL, Output Load Capacitance (pF)
AV = 100
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
80
0
60
40
20
1.0
100
1000
10
100
100
100
0
60
40
20
80
0
60
40
20
Phase Margin
Gain Margin
−50
−25
0
25
50
75
100
125
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k
CL = 10 pF
TA, Ambient Temperature (°C)
80
100
VS = ±0.5 V
−20
0
20
40
60
80
−180
−135
−90
−45
RL = 10 k
TA = 25°C
10 k
100 k
1.0 M
10 M
100 M
−225
VS = ±2.5 V
−40
10
100
1.0 k
100 k
Phase Margin
Gain Margin
10 k
0
10
20
30
40
60
50
70
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k
CL = 10 pF
TA = 25°C
0
10
20
30
40
60
50
70
Rt, Differential Source Resistance (W)
Figure 20. Voltage Gain and Phase vs.
Frequency
Figure 21. Gain and Phase Margin vs.
Temperature
Figure 22. Gain and Phase Margin vs.
Differential Source Resistance
Figure 23. Gain and Phase Margin vs.
Output Load Capacitance
f, Frequency (Hz)
Figure 24. Output Voltage Swing vs.
Supply Voltage
0
0.5
VS, Supply Voltage (V)
8.0
0
6.0
4.0
2.0
RL = 10 k
TA = 25°C
Split Supplies
1.0
1.5
2.0
2.5
3.0
3.5
VS = ±2.5 V
Figure 25. Gain and Phase Margin vs.
Supply Voltage


Similar Part No. - NCS2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001SQ2T2G ONSEMI-NCS2001SQ2T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com