Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS211MUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS211MUTAG
Description  Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS211MUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NCS211MUTAG Datasheet HTML 1Page - ON Semiconductor NCS211MUTAG Datasheet HTML 2Page - ON Semiconductor NCS211MUTAG Datasheet HTML 3Page - ON Semiconductor NCS211MUTAG Datasheet HTML 4Page - ON Semiconductor NCS211MUTAG Datasheet HTML 5Page - ON Semiconductor NCS211MUTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NCS210, NCS211, NCS212, NCS213, NCS214, NCS215
www.onsemi.com
5
PACKAGE DIMENSIONS
SC−88/SC70−6/SOT−363
CASE 419B−02
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRU-
SIONS, OR GATE BURRS SHALL NOT EXCEED 0.20 PER END.
4. DIMENSIONS D AND E1 AT THE OUTERMOST EXTREMES OF
THE PLASTIC BODY AND DATUM H.
5. DATUMS A AND B ARE DETERMINED AT DATUM H.
6. DIMENSIONS b AND c APPLY TO THE FLAT SECTION OF THE
LEAD BETWEEN 0.08 AND 0.15 FROM THE TIP.
7. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 TOTAL IN
EXCESS OF DIMENSION b AT MAXIMUM MATERIAL CONDI-
TION. THE DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OF THE FOOT.
C
ddd M
12
3
A1
A
c
65
4
E
b
6X
DIM
MIN
NOM
MAX
MILLIMETERS
A
−−−
−−−
1.10
A1
0.00
−−−
0.10
ddd
b
0.15
0.20
0.25
C
0.08
0.15
0.22
D
1.80
2.00
2.20
−−−
−−−
0.043
0.000
−−−
0.004
0.006
0.008
0.010
0.003
0.006
0.009
0.070
0.078
0.086
MIN
NOM
MAX
INCHES
0.10
0.004
E1
1.15
1.25
1.35
e
0.65 BSC
L
0.26
0.36
0.46
2.00
2.10
2.20
0.045
0.049
0.053
0.026 BSC
0.010
0.014
0.018
0.078
0.082
0.086
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.66
6X
DIMENSIONS: MILLIMETERS
0.30
PITCH
2.50
6X
RECOMMENDED
TOP VIEW
SIDE VIEW
END VIEW
bbb H
B
SEATING
PLANE
DETAIL A
E
A2
0.70
0.90
1.00
0.027
0.035
0.039
L2
0.15 BSC
0.006 BSC
aaa
0.15
0.006
bbb
0.30
0.012
ccc
0.10
0.004
A-B D
aaa C
2X 3 TIPS
D
E1
D
e
A
2X
aaa H D
2X
D
L
PLANE
DETAIL A
H
GAGE
L2
C
ccc C
A2
6X


Similar Part No. - NCS211MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS211R ONSEMI-NCS211R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
NCS211R ONSEMI-NCS211R Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS211R ONSEMI-NCS211R Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS211RMUTAG ONSEMI-NCS211RMUTAG Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
NCS211RMUTAG ONSEMI-NCS211RMUTAG Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
More results

Similar Description - NCS211MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com