Electronic Components Datasheet Search |
|
5.0SMDJ33A Datasheet(PDF) 2 Page - Dc Components |
|
5.0SMDJ33A Datasheet(HTML) 2 Page - Dc Components |
2 / 4 page R DC COMPONENTS CO., LTD. RATING AND CHARACTERISTIC CURVES (5.0SMDJ11 THRU 5.0SMDJ440CA) FIG. 1 - PEAK PULSE POWER RATING CURVE Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25OC 0.1 1.0 10 100 0.1 µS 1.0 µS 10 µS 100 µS 1.0mS 10mS TP, PULSE WIDTH, sec 0 TA, AMBIENT TEMPERATURE, (OC) FIG. 2 - PULSE DERATING CURVE 0 25 50 75 100 25 50 75 100 125 150 175 200 FIG. 3 - PULSE WAVEFORM tr = 10 µsec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM Peak Value IPPM HALF VALUE - IPPM 2 10/1000 µsec. Waveform as Defined by R.E.A. td 0 0 50 100 150 1.0 2.0 3.0 4.0 t, TIME, mS 10 100 10000 100000 FIG. 4 - TYPICAL JUNCTION CAPACITANCE f = 1.0 MHz Vsig = 50mVp-p TJ = 25OC 1.0 100 500 V(BR), BREAKDOWN VOLTAGE, VOLTS FIG. 5 - STEADY STATE POWER DERTING CURVE 60Hz Resistive or Inductive Load TL, LEAD TEMPERATURE (OC) 0 0 2 4 6 8 25 50 75 100 125 150 175 200 300 400 FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL 8.3ms Single Half Sine-Wave (JEDEC Method) NUMBER OF CYCLES AT 60 Hz 1 10 100 0 VR = RATED STAND-OFF VOLTAGE Measured at Zero Bias 200 L = 0.375”(9.5mm) Lead Lengths 0.8X0.8X0.040” (20X20mm) Copper Heat Sinks |
Similar Part No. - 5.0SMDJ33A |
|
Similar Description - 5.0SMDJ33A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |