Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2115FJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA2115FJ-E2
Description  Low Noise Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FJ-E2 Datasheet(HTML) 3 Page - Rohm

  BA2115FJ-E2 Datasheet HTML 1Page - Rohm BA2115FJ-E2 Datasheet HTML 2Page - Rohm BA2115FJ-E2 Datasheet HTML 3Page - Rohm BA2115FJ-E2 Datasheet HTML 4Page - Rohm BA2115FJ-E2 Datasheet HTML 5Page - Rohm BA2115FJ-E2 Datasheet HTML 6Page - Rohm BA2115FJ-E2 Datasheet HTML 7Page - Rohm BA2115FJ-E2 Datasheet HTML 8Page - Rohm BA2115FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
Absolute Maximum Ratings (TA=25℃)
BA2107, BA2115
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+14
V
Power Dissipation
PD
SSOP5
0.67
(Note 1,4)
W
SOP8
0.78
(Note 2,4)
SOP-J8
0.67
(Note 1,4)
MSOP8
0.59
(Note 3,4)
Differential Input Voltage
(Note 5)
C
+14
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+14)
V
Input Current
(Note 6)
II
-10
mA
Operating Supply Voltage
Vopr
2 to 14(±1 to ±7)
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to 150
Maximum Junction Temperature
TJmax
+150
(Note 1) To use at temperature above TA=25℃ reduce 5.4mW/℃
(Note 2) To use at temperature above TA=25℃ reduce 6.2mW/℃
(Note 3) To use at temperature above TA=25℃ reduce 4.8mW/℃
(Note 4) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (copper foil area less than 3%).
(Note 5) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 6) An excessive input current will flow when input voltages of more than VCC+0.6V or less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.


Similar Part No. - BA2115FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2115FJ-E2 ROHM-BA2115FJ-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2115FJ-E2 ROHM-BA2115FJ-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results

Similar Description - BA2115FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com