Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA15532F-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA15532F-E2
Description  Low Noise Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15532F-E2 Datasheet(HTML) 3 Page - Rohm

  BA15532F-E2 Datasheet HTML 1Page - Rohm BA15532F-E2 Datasheet HTML 2Page - Rohm BA15532F-E2 Datasheet HTML 3Page - Rohm BA15532F-E2 Datasheet HTML 4Page - Rohm BA15532F-E2 Datasheet HTML 5Page - Rohm BA15532F-E2 Datasheet HTML 6Page - Rohm BA15532F-E2 Datasheet HTML 7Page - Rohm BA15532F-E2 Datasheet HTML 8Page - Rohm BA15532F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200070-1-2
©2013 ROHM Co., Ltd. All rights reserved.
3/18
13.Sep.2013 Rev.001
TSZ22111・15・001
BA15532F
Electrical Characteristics
○BA15532F (Unless otherwise specified VCC=+15V, VEE=-15V, TA=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 7)
VIO
-
0.5
4.0
mV
RS=50Ω, RL≧10kΩ
Input Offset Current
(Note 7)
IIO
-
10
150
nA
RL≧10kΩ
Input Bias Current
(Note 7,8)
IB
-
200
800
nA
RL≧10kΩ
Large Signal Voltage Gain
AV
80
94
-
dB
RL≧600Ω, Vo=±10V
Input Common-mode Voltage Range
VICM
±12
±13
-
V
RL≧10kΩ
Common-mode Rejection Ratio
CMRR
70
100
-
dB
RL≧10kΩ
Power Supply Rejection Ratio
PSRR
80
100
-
dB
RS=50Ω, RL≧10kΩ
Supply Current
ICC
-
8.0
16.0
mA
RL=∞, All Op-Amps
Maximum Output Voltage
VOH
±12
±13
-
V
RL≧600Ω
VOL
±15
±16
-
V
RL≧600Ω
VCC=+18V, VEE=-18V
Output Short Current
(Note 9)
lOS
-
38
-
mA
-
Slew Rate
SR
-
8.0
-
V/
μs
AV=0, RL=600Ω, CL=100pF
Gain Band Width
GBW
-
20
-
MHz
f=10kHz, RL=600Ω
CL=100pF
Input Referred Noise Voltage
VN
-
0.7
1.5
μVrms
AV=40dB, RIAA, RS=100Ω
20Hz~30kHz
-
5
-
Hz
nV/
AV=40dB, RS=100Ω, f=1kHz
Total Harmonic Distortion + Noise
THD+N
-
0.0015
-
%
AV=20dB, OUT=5Vrms
f=1kHz, 80kHz-LPF
Channel Separation
CS
-
110
-
dB
OUT=0.5Vrms, f=1kHz
AV=40dB,
Input referred
(Note 7) Absolute value
(Note 8) Current direction: Since first input stage is composed with NPN transistor, input bias current flows in the IC.
(Note 9) Consider the power dissipation of IC when selecting the output current.


Similar Part No. - BA15532F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Similar Description - BA15532F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
   Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
LM4565XXX ROHM-LM4565XXX Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com