Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1321G Datasheet(PDF) 3 Page - Rohm

Part # BD1321G
Description  General Purpose Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1321G Datasheet(HTML) 3 Page - Rohm

  BD1321G Datasheet HTML 1Page - Rohm BD1321G Datasheet HTML 2Page - Rohm BD1321G Datasheet HTML 3Page - Rohm BD1321G Datasheet HTML 4Page - Rohm BD1321G Datasheet HTML 5Page - Rohm BD1321G Datasheet HTML 6Page - Rohm BD1321G Datasheet HTML 7Page - Rohm BD1321G Datasheet HTML 8Page - Rohm BD1321G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
3/19
04.Oct.2016 Rev.002
TSZ22111・15・001
BD1321G
Electrical Characteristics
BD1321G(Unless otherwise specified VDD=+5V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 5)
VIO
25°C
-
0.1
4
mV
VDD=2.7V to 5V
Full Range
-
-
5
Input Offset Voltage drift
VIO/T
25℃
-
3
-
µV/℃
-
Input Offset Current
(Note 5)
IIO
25°C
-
5
50
nA
-
Input Bias Current
(Note 5)
IB
25°C
-
15
100
nA
-
Supply Current
(Note 6)
IDD
25°C
-
130
200
μA
RL=∞, AV=0dB
IN+=2.1V
Full Range
-
-
280
Maximum Output Voltage(High)
VOH
25°C
VDD-0.1 VDD-0.04
-
V
RL=2kΩ to 2.5V
Maximum Output Voltage(Low)
VOL
25°C
-
VSS+0.08 VSS+0.16
V
RL=2kΩ to 2.5V
Large Signal Voltage Gain
AV
25°C
78
110
-
dB
RL=2kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
4.2
V
VSS to VDD-0.8V
Common-mode Rejection Ratio
CMRR
25°C
65
90
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
65
90
-
dB
-
Output Source Current
(Note 7)
ISOURCE
25°C
6
13
-
mA
OUT=VDD-0.4V
-
70
-
OUT=0V, short current
Output Sink Current
(Note 7)
ISINK
25°C
30
60
-
mA
OUT=VSS+0.4V
-
180
-
OUT=5V, short current
Slew Rate
SR
25°C
-
1
-
V/µs
CL=25pF
Unity Gain Frequency
fT
25°C
-
2
-
MHz
CL=25pF, AV=40dB
-
1
-
CL=200pF
Gain Bandwidth
GBW
25°C
-
3
-
MHz
f=100kHz
Phase Margin
θ
25°C
-
45
-
deg
CL=25pF, AV=40dB
Gain Margin
GM
25°C
-
10
-
dB
-
Input Referred Noise Voltage
VN
25°C
-
5.5
-
µVrms Av=40dB
-
39
-
Hz
nV/
Av=40dB, f=1kHz
Total Harmonic Distortion +
Noise
THD+N
25°C
-
0.0015
-
%
OUT=0.4VP-P
f=1kHz, RL=2kΩ
DIN-AUDIO
(Note 5) Absolute value
(Note 6) Full range BD1321G: TA=-40C to +85C
(Note 7) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BD1321G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G-TR ROHM-BD1321G-TR Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - BD1321G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com