Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1321G Datasheet(PDF) 8 Page - Rohm

Part # BD1321G
Description  General Purpose Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1321G Datasheet(HTML) 8 Page - Rohm

Back Button BD1321G Datasheet HTML 4Page - Rohm BD1321G Datasheet HTML 5Page - Rohm BD1321G Datasheet HTML 6Page - Rohm BD1321G Datasheet HTML 7Page - Rohm BD1321G Datasheet HTML 8Page - Rohm BD1321G Datasheet HTML 9Page - Rohm BD1321G Datasheet HTML 10Page - Rohm BD1321G Datasheet HTML 11Page - Rohm BD1321G Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
8/19
04.Oct.2016 Rev.002
TSZ22111・15・001
BD1321G
Typical Performance Curves – continued
○BD1321G
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
23
45
6
Supply Voltage [V]
0
20
40
60
80
100
120
140
160
180
200
01
23
45
Output Voltage [V]
0
2
4
6
8
10
12
14
16
18
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Figure 9.
Output Source Current vs Ambient Temperature
(OUT=VDD-0.4V)
-40℃
25℃
85℃
Figure 10.
Output Sink Current vs Output Voltage
(VDD=5V)
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Figure 11.
Output Sink Current vs Ambient Temperature
(OUT=VSS+0.4V)
Figure 12.
Input Offset Voltage vs Supply Voltage
(VICM= VDD, EK=-0.1V)
(*)The data above is measurement value of typical sample, it is not guaranteed.
25℃
-40℃
85℃
5.0V
2.7V
5.0V
2.7V
5.5V
5.5V


Similar Part No. - BD1321G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G-TR ROHM-BD1321G-TR Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - BD1321G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com