Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7541G Datasheet(PDF) 11 Page - Rohm

Part # BD7541G
Description  CMOS Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7541G Datasheet(HTML) 11 Page - Rohm

Back Button BD7541G Datasheet HTML 7Page - Rohm BD7541G Datasheet HTML 8Page - Rohm BD7541G Datasheet HTML 9Page - Rohm BD7541G Datasheet HTML 10Page - Rohm BD7541G Datasheet HTML 11Page - Rohm BD7541G Datasheet HTML 12Page - Rohm BD7541G Datasheet HTML 13Page - Rohm BD7541G Datasheet HTML 14Page - Rohm BD7541G Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.rohm.com
TSZ02201-0RAR1G200260-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/31
20.Feb.2015 Rev.002
TSZ22111・15・001
BD7541G BD7541SG BD7542xxx BD7542Sxxx
Datasheet
Typical Performance Curves - continued
BD7541G, BD7541SG
(*) The above characteristics are measurements of typical sample, they are not guaranteed.
BD7541G: -40°C to +85°C BD7541SG: -40°C to +105°C
Figure16.
Input Offset Voltage vs Input Voltage
(VDD=12V)
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
4
8
12
16
Supply Voltage [V]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 14.
Input Offset Voltage vs Supply Voltage
(VICM=VDD/2, EK=-VDD/2)
Figure 15.
Input Offset Voltage vs Ambient Temperature
(VICM=VDD/2, EK=-VDD/2)
-40°C
25°C
85°C
105°C
14.5V
5V
12V
Figure 17.
Large Signal Voltage Gain vs Supply Voltage
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-1 0 1 2 3 4 5 6 7 8 9 10 11 12 13
Input Voltage [V]
105°C
85°C
25°C
-40°C
60
80
100
120
140
160
4
8
12
16
Supply Voltage [V]
-40°C
25°C
85°C
105°C


Similar Part No. - BD7541G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7541G ROHM-BD7541G Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7541G ROHM-BD7541G Datasheet
688Kb / 17P
   Operational Amplifiers: High Voltage CMOS
BD7541GE2 ROHM-BD7541GE2 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7541GTR ROHM-BD7541GTR Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
More results

Similar Description - BD7541G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com