Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4560RFJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BA4560RFJ-E2
Description  Low Noise Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560RFJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BA4560RFJ-E2 Datasheet HTML 2Page - Rohm BA4560RFJ-E2 Datasheet HTML 3Page - Rohm BA4560RFJ-E2 Datasheet HTML 4Page - Rohm BA4560RFJ-E2 Datasheet HTML 5Page - Rohm BA4560RFJ-E2 Datasheet HTML 6Page - Rohm BA4560RFJ-E2 Datasheet HTML 7Page - Rohm BA4560RFJ-E2 Datasheet HTML 8Page - Rohm BA4560RFJ-E2 Datasheet HTML 9Page - Rohm BA4560RFJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
6/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
BA4560Rxxx (Unless otherwise specified VCC=+15V, VEE=-15V, Full range -40℃ to +105℃)
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
(Note 11)
VIO
25℃
-
0.5
6
mV
VOUT=0V
Full range
-
-
7
Input Offset Current
(Note 11)
IIO
25℃
-
5
200
nA
VOUT=0V
Full range
-
-
200
Input Bias Current
(Note 12)
IB
25℃
-
50
500
nA
VOUT=0V
Full range
-
-
800
Supply Current
ICC
25℃
-
3
7
mA
RL=∞, All Op-Amps
VIN+=0V
Full range
-
-
7.5
Maximum Output Voltage
VOM
25℃
±12
±14
-
V
RL≥ 2kΩ
Full range
±10
±11.5
-
IO=25mA
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≥ 2kΩ, VOUT=±10V
VICM=0V
Full range
83
-
-
Input Common-mode Voltage Range
VICM
25℃
±12
±14
-
V
-
Full range
±12
-
-
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VICM=-12V~+12V
Power Supply Rejection Ratio
PSRR
25℃
76.5
90
-
dB
RI≤ 10kΩ
Channel Separation
CS
25℃
-
105
-
dB
R1=100Ω,f=1kHz
Slew Rate
SR
25℃
-
4
-
V/μs
AV=0dB, RL=2kΩ
CL=100pF
Unity Gain Frequency
fT
25℃
-
4
-
MHz RL=2kΩ
Total Harmonic Distortion+Noise
THD+N
25℃
-
0.003
-
%
AV=20dB, RL=2kΩ
VIN=0.05Vrms, f=1kHz
Input Referred Noise Voltage
VN
25℃
-
8
-
Hz
nV/
RS=100Ω, VI=0V
f=1kHz
-
1.0
-
μVrms DIN-AUDIO
(Note 11) Absolute value
(Note 12) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA4560RFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4560RFJ-E2 ROHM-BA4560RFJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
More results

Similar Description - BA4560RFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com