Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7265G Datasheet(PDF) 9 Page - Rohm

Part # BU7265G
Description  Ultra Low Power CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7265G Datasheet(HTML) 9 Page - Rohm

Back Button BU7265G_13 Datasheet HTML 5Page - Rohm BU7265G_13 Datasheet HTML 6Page - Rohm BU7265G_13 Datasheet HTML 7Page - Rohm BU7265G_13 Datasheet HTML 8Page - Rohm BU7265G_13 Datasheet HTML 9Page - Rohm BU7265G_13 Datasheet HTML 10Page - Rohm BU7265G_13 Datasheet HTML 11Page - Rohm BU7265G_13 Datasheet HTML 12Page - Rohm BU7265G_13 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
9/33
12.Sep.2013 Rev.001
TSZ22111・15・001
BU7265G
BU7265SG
BU7266xxx
BU7266Sxxx
Figure 11.
Output Source Current vs Ambient Temperature
(OUT=VDD-0.4V)
Typical Performance Curves - continued
○BU7265G, BU7265SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7265G: -40
C to +85C BU7265SG: -40C to +105C
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage [V]
0
5
10
15
20
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
5
10
15
20
0.00.5
1.01.5
2.02.5
3.0
Output Voltage [V]
Figure 13.
Output Sink Current vs Ambient Temperature
(OUT=VSS+0.4V)
Figure 12.
Output Sink Current vs Output Voltage
(VDD=3V)
Figure 10.
Output Source Current vs Output Voltage
(VDD=3 V)
-40℃
1.8V
5.5V
3.0V
-40℃
25℃
85℃
105℃
5.5V
1.8V
3.0V
25℃
85℃
105℃


Similar Part No. - BU7265G_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7265G_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com