Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K224L Datasheet(PDF) 8 Page - TDK Electronics

Part # 73K224L
Description  V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K224L Datasheet(HTML) 8 Page - TDK Electronics

Back Button 73K224L Datasheet HTML 4Page - TDK Electronics 73K224L Datasheet HTML 5Page - TDK Electronics 73K224L Datasheet HTML 6Page - TDK Electronics 73K224L Datasheet HTML 7Page - TDK Electronics 73K224L Datasheet HTML 8Page - TDK Electronics 73K224L Datasheet HTML 9Page - TDK Electronics 73K224L Datasheet HTML 10Page - TDK Electronics 73K224L Datasheet HTML 11Page - TDK Electronics 73K224L Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
73K224L
V.22bis/V.22/V.21/Bell 212A/Bell 103
Single-Chip Modem
8
CONTROL REGISTER 0
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
MODUL.
TYPE 1
MODUL.
TYPE 0
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT NO.
NAME
CONDITION
DESCRIPTION
0
Selects answer mode (transmit in high band, receive in low
band).
D0
Answer/
Originate
1
Selects originate mode (transmit in low band, receive in
high band).
0
Disables transmit output at TXA.
1
Enables transmit output at TXA.
D1
Transmit
Enable
Note: Transmit Enable must be set to 1 to allow activation
of Answer Tone or DTMF.
D5 D4
D3 D2
0
0
0
0
Selects power down mode. All functions disabled except
digital interface.
0
0
0
1
Internal synchronous mode. In this mode TXCLK is an
internally derived 600,1200 or 2400 Hz signal. Serial input
data appearing at TXD must be valid on the rising edge of
TXCLK. Receive data is clocked out of RXD on the falling
edge of RXCLK.
0
0
1
0
External synchronous mode. Operation is identical to
internal synchronous, but TXCLK is connected internally to
EXCLK pin, and a 600, 1200 or 2400 Hz clock must be
supplied externally.
0
0
1
1
Slave synchronous mode. Same operation as other
synchronous modes. TXCLK is connected internally to the
RXCLK pin in this mode.
0
1
0
0
Selects asynchronous mode - 8 bits/character (1 start bit, 6
data bits, 1 stop bit).
0
1
0
1
Selects asynchronous mode - 9 bits/character (1 start bit, 7
data bits, 1 stop bit).
0
1
1
0
Selects asynchronous mode - 10 bits/character (1 start bit,
8 data bits, 1 stop bit).
0
1
1
1
Selects asynchronous mode - 11 bits/character (1 start bit,
8 data bits, Parity and/or 1 or 2 stop bits).
D5, D4,
D3, D2
Transmit
Mode
1
X
0
0
Selects FSK operation.
D6
D5
1
0
QAM
0
0
DPSK
D6,D5
Modulation
Type
0
1
FSK


Similar Part No. - 73K224L

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
73K224L-28IH/F TERIDIAN-73K224L-28IH/F Datasheet
248Kb / 31P
   Single-Chip Modem
73K224L-28IHR/F TERIDIAN-73K224L-28IHR/F Datasheet
248Kb / 31P
   Single-Chip Modem
More results

Similar Description - 73K224L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com