Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7271SG-TR Datasheet(PDF) 10 Page - Rohm

Part # BU7271SG-TR
Description  Ultra Low Supply Current CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7271SG-TR Datasheet(HTML) 10 Page - Rohm

Back Button BU7271SG-TR Datasheet HTML 6Page - Rohm BU7271SG-TR Datasheet HTML 7Page - Rohm BU7271SG-TR Datasheet HTML 8Page - Rohm BU7271SG-TR Datasheet HTML 9Page - Rohm BU7271SG-TR Datasheet HTML 10Page - Rohm BU7271SG-TR Datasheet HTML 11Page - Rohm BU7271SG-TR Datasheet HTML 12Page - Rohm BU7271SG-TR Datasheet HTML 13Page - Rohm BU7271SG-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200290-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10/18
19.Sep.2013 Rev.001
TSZ22111・15・001
BU7271G
BU7271SG
Typical Performance Curves - continued
○BU7271G, BU7271SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7271G: -40
C to +85C BU7271SG: -40C to +105C
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
Frequency [Hz]
0
50
100
150
200
Figure 22.
Slew Rate L-H vs Ambient Temperature
Figure 23.
Slew Rate H-L vs Ambient Temperature
Figure 24.
Voltage Gain・Phase vs Frequency
5.5V
1.8V
3.0V
5.5V
1.8V
3.0V
PHASE
GAIN
1
10
10
2
10
3
10
4
10
5
10
6


Similar Part No. - BU7271SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7271SG-TR ROHM-BU7271SG-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7271SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com